Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

752 Datasheet(PDF) 3 Page - CTS Corporation

Part # 752
Description  Surface Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

752 Datasheet(HTML) 3 Page - CTS Corporation

  752 Datasheet HTML 1Page - CTS Corporation 752 Datasheet HTML 2Page - CTS Corporation 752 Datasheet HTML 3Page - CTS Corporation 752 Datasheet HTML 4Page - CTS Corporation 752 Datasheet HTML 5Page - CTS Corporation 752 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part
Series
No. of
Schematic
R
Resistor Value
Tolerance
Date Code
Pins/Pads
or Code
YRWK
742, 743, 744

745, 746

752
12 & 24 pad




3-digit
10 & 20 pad



3-digit
9 & 18 pad


3-digit
8 & 16 pad


3-digit
753
12 & 24 pad


2-digit
10 & 20 pad


2-digit
9 & 18 pad


8 & 16 pad


766, 767, 768




4-digit
770



4-digit
32
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s DTCB
33
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s PDC/PMC
CTS Dual Terminator Schematics
Standard CTS Dual Terminator products contain (2N-2) resistors
of two different values with each resistor value connected to a
common buss. CTS assigns the resistance value portion of the
standard part numbers of the dual terminator network in two
different methods.
The Series 770 part number includes the actual values of the
resistors in the dual terminator. For example:
770105180/470
R1=180
Ω R2=470Ω
The Series 752, 766, 767 and 768 part number includes the EIA
Code value of the Thevenin equivalent resistances of R1 and R2.
The Thevenin equivalent resistance is calculated in the
following way: the suffix letter relates only to the sequence
of variations which equal the same equivalent resistance.
Reference chart.
Req =
R1R2
(R1 + R2)
Examples:
766165131A
R1=220
Ω
R2=330
Ω
Req=132
Ω
767145191A
R1=330
Ω
R2=470
Ω
Req=194
Ω
768205131C
R1=180
Ω
R2=470
Ω
Req=130
Ω
Pin N/2 is common to R2 and Pin #N is common to R1 on
CTS Series 766, 767 and 768 .
Pin #1 is common to R2 and Pin N is common to R1 on all
CTS Series 752, 753 and 770 dual terminator schematics.
1. All tolerances ±2%.
2. Other values available on request.
3. Suffix letter has no significance–assigned in sequential order.
Part Marking
The following chart indicates the characters marked on parts with standard marking.
Dual T e r minator
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
N
N/2 +1
N/2
1
0%
0
Degrees Centigrade
20%
40%
60%
80%
100%
120%
140%
160%
10
20
30
40
50
60
70
80
90
100
110
120
Dual Terminator Resistor Values & Codes
Power Derating Curve for Resistor Networks
R1
R2
Thevenin
CTS
Ohms
Equivalent Code
25
50
15 ohm
150A
30
50
19 ohm
190A
30
620
29 ohm
290A
33
4.7K
33 ohm
330A
36
620
34 ohm
340A
43
620
40 ohm
400A
68
189
50 ohm
500B
75
620
67 ohm
670A
80
220
59 ohm
590A
81
130
50 ohm
500A
81
2.2K
78 ohm
780A
100
200
67 ohm
670B
100
430
81 ohm
810A
100
150
60 ohm
600A
106
169
65 ohm
650A
110
220
73 ohm
730A
118
178
71 ohm
710A
120
200
75 ohm
750B
120
180
72 ohm
720A
120
120
60 ohm
600B
150
150
75 ohm
750A
160
260
99 ohm
990A
160
240
96 ohm
960A
160
270
100 ohm
101D
162
260
100 ohm
101B
180
300
113 ohm
111B
180
470
130 ohm
131C
180
390
123 ohm
121A
180
270
108 ohm
111A
180
220
99 ohm
101A
200 1.5K
176 ohm
171D
220
330
132 ohm
131A
220
270
121 ohm
121B
220
220
110 ohm
111D
240
170
100 ohm
101C
240
620
173 ohm
171C
250
250
125 ohm
131B
270
470
171 ohm
171A
R1
R2
Thevenin
CTS
Ohms
Equivalent Code
270
180
108 ohm
111C
271
131
88 ohm
880A
330
470
194 ohm
191A
330
680
222 ohm
221A
330
390
179 ohm
181A
330
220
132 ohm
131D
330
330
165 ohm
171B
360
720
240 ohm
241B
360
600
225 ohm
231A
390
620
239 ohm
241A
470
1K
320 ohm
321A
470
680
278 ohm
281A
470
940
313 ohm
311A
500
500
250 ohm
251A
560
910
347 ohm
351A
560
1K
359 ohm
361A
680
1K
405 ohm
401A
750
750
375 ohm
381A
750 2.3K
566 ohm
571A
1K
3.3K
767 ohm
771A
1K
2K
667 ohm
671A
1.1K 2.2K
733 ohm
731A
1.2K 1.2K
600 ohm
601A
1.5K 1.5K
750 ohm
751A
1.5K 3.3K
1031 ohm
102A
2K
2K
1000 ohm
102B
2.2K 5.6K
1579 ohm
162A
2.2K 4.4K
1467 ohm
152A
2.2K 3.3K
1320 ohm
132A
3K
6.2K
2022 ohm
202A
3K
2K
1200 ohm
122A
3.3K 4.7K
1939 ohm
192A
3.9K 3.3K
1788 ohm
182A
4.7K 22K
3873 ohm
392A
5K
5K
2500 ohm
252A
6.8K 22K
5194 ohm
522A
10K
51K
8361 ohm
842A
50K 100K
33,333 ohm
333A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com