Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBA Datasheet(PDF) 1 Page - C&K Components

Part # PBA
Description  Illuminated Pushbutton
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PBA Datasheet(HTML) 1 Page - C&K Components

  PBA Datasheet HTML 1Page - C&K Components PBA Datasheet HTML 2Page - C&K Components PBA Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A-125
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ckswitches.com
A
26 sept 16
PBA Series
Illuminated Pushbutton
Features/Benefits
• Illuminated display
• Small size
• Cold lighting
• Tactile feed back
Typical Applications
• Avionic
Mechanical
ACTUATION FORCE: 5,5 N ± 0,5 N
MAXIMUM FORCE: 80 N
TRAVEL TO CONTACT: 1,2 ± 0,1 mm
OVERTRAVEL: >0,3 mm
TOTAL TRAVEL: 1,5 ± 0,1 mm
LIFE EXPECTANCY: 10
6 operations 28 V - 10 mA
WEIGHT: 2 grams
VIBRATION: ± 0,45mm from 33 Hz to 75 Hz
ACCELERATION: 10 g max
Electrical
CONTACTS: Gold plated
VOLTAGE: Max 100 V - Min 20 mV DC
CARRYING CURRENT: Max 250 mA - Min 50 µA
SWITCHING CURRENT: Max 50 mA - Min 50 µA
MAX SWITCHING POWER: 1 W
CONTACT RESISTANCE: < 50 Ω
DIELECTRIC STRENGTH: 500 V rms
INSULATION RESISTANCE (100 V): > 5000 M Ω
BOUNCE: < 3 ms
SWITCHING OF 2 POLES MATCHING: < 10 ms
Environmental Data
STORAGE TEMPERATURE: -55˚C TO 85˚C
OPERATING TEMPERATURE: -30˚C TO 85˚C
TEMPERATURE OF KEY TO CAP: < Ambiant +25˚C
HUMIDITY TEST: 21 days (-40˚C - 93% HR)
ALTITUDE PRESSURE: From 20 hPa to 1070 hPa
Soldering Data
MANUAL SOLDERING: 250˚C / 2s
SEALING: According to IP64
Plastic Material
Housing and Cap: UL-94 V0
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, please contact Customer Service.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box.
Designation
PBA
PBA Series
Size
1
9,5 x 14
2
11,5 x 14
3
14 x 14
Marking Location
H
High
M Middle
L
Low
LED Color
0 White
l
1 Green
l 560 nm
2 Yellow Green
l 568 nm
3 Amber
l 590 nm
4 Red
l 660 nm
5 Other
l
Display Type
Type of Marking
T
Text / Legend
S
Status Indicator
A
B
P
LED Supply or Type
AC
Alternative
DC
Direct
XX
for each marking
1:6 LEDs in parallel
for direct current
Repeat sequence for 2nd Marking
LED Non-Illuminated
LED Illuminated
Text Marking
White
LED Color
Background
Black
Black
Text Marking
Not visible
LED Color
Background
Black
Black
Text Marking
White
LED Color
Background
Red
Red
Text Marking
Green
Green
Background
Black
Black
N
S
R
G


Similar Part No. - PBA

ManufacturerPart #DatasheetDescription
logo
APEM
PBA APEM-PBA Datasheet
3Mb / 16P
Piezo switches
PBA APEM-PBA Datasheet
1Mb / 5P
ATEX approved piezo switches
logo
Tyco Electronics
PBA-01A MACOM-PBA-01A Datasheet
303Kb / 4P
Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
logo
AG Electronica
PBA-026060000 AGELECTRONICA-PBA-026060000 Datasheet
411Kb / 2P
BLOQUE DE TERMINALES TIPO DESMONTABLE 2P
10/11/2023
logo
Tyco Electronics
PBA-02A MACOM-PBA-02A Datasheet
303Kb / 4P
Compact AC coil contactors in three frame widths offer ratings from 9 amps to 80 amps
More results

Similar Description - PBA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LP1OA1AR E-SWITCH-LP1OA1AR Datasheet
123Kb / 1P
ILLUMINATED PUSHBUTTON
LP6 E-SWITCH-LP6 Datasheet
234Kb / 2P
ILLUMINATED PUSHBUTTON
LP11 E-SWITCH-LP11 Datasheet
1Mb / 2P
ILLUMINATED PUSHBUTTON
logo
CIT Relay & Switch
EH12NMSSBBO CIT-EH12NMSSBBO Datasheet
172Kb / 3P
Illuminated Pushbutton
logo
Schneider Electric
XB4BWCUST03 SCHNEIDER-XB4BWCUST03 Datasheet
163Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB4BWCUST04 SCHNEIDER-XB4BWCUST04 Datasheet
162Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AKCUST02 SCHNEIDER-XB5AKCUST02 Datasheet
118Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST06 SCHNEIDER-XB5AWCUST06 Datasheet
155Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST07 SCHNEIDER-XB5AWCUST07 Datasheet
157Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
XB5AWCUST08 SCHNEIDER-XB5AWCUST08 Datasheet
155Kb / 1P
ILLUMINATED PUSHBUTTON
May 24, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com