Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBA Datasheet(PDF) 3 Page - C&K Components

Part # PBA
Description  Illuminated Pushbutton
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PBA Datasheet(HTML) 3 Page - C&K Components

  PBA Datasheet HTML 1Page - C&K Components PBA Datasheet HTML 2Page - C&K Components PBA Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AAAAA
14
A = 9,5 or 11,5 or 14mm
AAAAA
14
AAAAA
AAAAA
7,5
TEXT/LEGEND
STATUS
INDICATOR
1 or 2 markings are available in any combination of text / legend or status indicator.
1234
8765
1234
LED
MODULE
LED
MODULE
SOLDERING SIDE
STATUS INDICATORTEXT/LEGEND
UPPER
LED
MODULE
MIDDLE
OR
LOWER LED
MODULE
1234
8765
8 Pads Ø 2
10 Holes Ø 1
2,54
2,54
2,54
TOLERANCE: ± 0,1
APPLICABLE FOR SIZE
- 9,5 x 14 mm
- 11,5 x 14 mm
8 Pads Ø 2
2,54
2,54
2,54
10 Holes Ø 1
APPLICABLE FOR SIZE
-14 x 14 mm
SOLDERING SIDE
6 -
5 -
4 -
3 -
2 -
1 -
0 -
1
1,5
3 mm
CONTACT
OVERTRAVEL
5,5
N
TRAVEL
• TRAVEL TO CONTACT: 1,2 ± 0,1 mm
• OVERTRAVEL:
> 0,3 mm
• TOTAL TRAVEL:
1,5 ± 0,1 mm
FORCE
• ACTUATOR FORCE: 5,5 N ± 0,5 N
• TACTILE FEELING: 1,6 N
LED MODULE
LED MODULE
LED MODULE
LED MODULE
8765
PBA Series
Illuminated Pushbutton
LED MODULE LAYOUT
PCB Layout
TACTILE EFFECT
A-127
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com