Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBA Datasheet(PDF) 2 Page - C&K Components

Part # PBA
Description  Illuminated Pushbutton
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PBA Datasheet(HTML) 2 Page - C&K Components

  PBA Datasheet HTML 1Page - C&K Components PBA Datasheet HTML 2Page - C&K Components PBA Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A-126
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
A
LIGHTING DATA
PBA Series
Illuminated Pushbutton
Amber
30
20
10
00
25
50
75
100 L cd/m2
I MA
Green
80
70
60
50
40
30
20
10
00
150
300
450
600 L cd/m2
I MA
PCB
FRONT PANEL
“O RING” 0,5
B
C
A
15,5
DIMENSIONS (applicable for any size)
Color
Amber
Green
Wave Length
586 < l < 592
555 < l < 560
Current Max
80 mA
80 mA
Chromaticity
X
Y
0,54 < X < 0,58
0,40 < Y < 0,44
0,30 < X < 0,40
0,6 < Y
Contrast Min.
1,2
0,85
9,5 X 14
11,5 X 14
14 X 14
A
14
14
14
B
9,5
11,5
14
C
11
11,5
15,5
The legends of function and the status indicator
can be illuminated separately.
For other colors and displays, please contact Customer Service.
LIGHTING / CURRENT
Tolerance: ± 0,1 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com