Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F410 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F410
Description  Register stack 16x4 RAM 3-State output register
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F410 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F410 Datasheet HTML 1Page - NXP Semiconductors 74F410 Datasheet HTML 2Page - NXP Semiconductors 74F410 Datasheet HTML 3Page - NXP Semiconductors 74F410 Datasheet HTML 4Page - NXP Semiconductors 74F410 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Philips Semiconductors FAST Products
Product specification
74F410
Register stack – 16
×4 RAM 3-State output register
1
January 8, 1990
853-1310 98498
FEATURES
• Edge triggered output register
• ypical access time of 19.5ns
• Optimize for register stack operation
• 3–state outputs
• 18–pin package
DESCRIPTION
The 74F410 is a register oriented high speed
64–bit read/write memory organized as
16–words by 4–bits. An edge–triggered 4–bit
output register allows new input data to be
written while previous data is held. 3–state
outputs are provided for maximum versatility.
The 74F410 is fully compatible with all TTL
families.
TYPE
TYPICAL
ACCESS
TIME
TYPICAL
SUPPLY
CURRENT
( TOTAL)
74F410
19.5ns
45mA
FUNCTIONAL DESCRIPTION
Write operation – When the three control
inputs, write enable (WE), chip select (CS),
and clock (CP), are low the information on
the data inputs (D0–D3) is written into the
memory location selected by the address
inputs (A0–A3). If the input data changes
while WE, CS, and CP are low, the contents
of the selected memory location follow these
changes provided setup and hold time criteria
are met.
Read operation – When CS is low, WE is
high, and CP goes from low–to–high, the
contents of the memory location selected by
the address inputs (A0–A3) are edge–
triggered into the output register.
When WE is low, CS is low, CP goes from
low–to–high, the data at the data inputs is
edge–triggered into the output register. The
OE input controls the output buffers. When
OE is high the four outputs (Q0–Q3) are in a
high impedance or off state; when OE is low,
the outputs are determined by the state of the
output register.
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%, Tamb = 0°C to +70°C
18–pin plastic DIP (300mil)
N74F410N
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
D0 – D3
Data inputs
1.0/1.0
20
µA/0.6mA
A0 – A3
Address inputs
1.0/1.0
20
µA/0.6mA
CP
Clock pulse input (active rising edge)
1.0/2.0
20
µA/1.2mA
CS
Chip select input (active low)
1.0/2.0
20
µA/1.2mA
OE
Output enable input (active low)
1.0/1.0
20
µA/0.6mA
WE
Write enable input (active low)
1.0/1.0
20
µA/0.6mA
Q0 – Q3
Data outputs
150/40
3mA/24mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.
PIN CONFIGURATION
LOGIC SYMBOL
IEC/IEEE SYMBOL
18
17
16
15
14
13
12
7
6
5
4
3
2
1
A1
Q1
Q2
D3
D2
D0
Q0
CS
WE
CP
A0
A3
OE
3
4
5
6
11
10
D0
D2 D3
D1
Q0 Q1 Q2 Q3
16 14 12 10
15 13 11
11
8
A2
VCC
VCC = Pin 18
GND = Pin 9
D1
17
A0
A1
A2
A3
CS
WE
CP
OE
3
4
5
6
1
2
7
8
13
12
15
14
17
16
2
1
A1,2D
A3
&
0
1
A
0
15
Q3
GND
10
9
7
8
&
G1
G2
1C
EN3


Similar Part No. - 74F410

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F410 NSC-74F410 Datasheet
134Kb / 8P
Register Stack횖16 x 4 RAM TRI-STATEE Output Register
74F410PC NSC-74F410PC Datasheet
134Kb / 8P
Register Stack횖16 x 4 RAM TRI-STATEE Output Register
74F410SC NSC-74F410SC Datasheet
134Kb / 8P
Register Stack횖16 x 4 RAM TRI-STATEE Output Register
More results

Similar Description - 74F410

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F410DM NSC-54F410DM Datasheet
134Kb / 8P
Register Stack횖16 x 4 RAM TRI-STATEE Output Register
logo
NXP Semiconductors
74F595 PHILIPS-74F595 Datasheet
99Kb / 13P
8-bit shift register with output laches 3-State
1990 Apr 18
logo
STMicroelectronics
M54HC595 STMICROELECTRONICS-M54HC595 Datasheet
282Kb / 13P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES 3 STATE
Apr-1993
M74HC590 STMICROELECTRONICS-M74HC590 Datasheet
1,019Kb / 15P
8 BINARY COUNTER REGISTER WITH 3 STATE OUTPUT
Aug-2001
logo
ON Semiconductor
MC74VHC595 ONSEMI-MC74VHC595 Datasheet
269Kb / 12P
8-Bit Shift Register with Output Storage Register (3-State)
March, 2006 -- Rev. 4
logo
STMicroelectronics
M74HC595 STMICROELECTRONICS-M74HC595 Datasheet
627Kb / 16P
8 BIT SHIFT REGISTER WITH OUTPUT LATCHES (3 STATE)
Mar-2004
logo
Texas Instruments
SN74LV595A-EP TI1-SN74LV595A-EP Datasheet
588Kb / 17P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
logo
Unisonic Technologies
U74AHC595 UTC-U74AHC595 Datasheet
268Kb / 7P
8-BIT SHIFT REGISTER WITH 3-STATE OUTPUT REGISTERS
logo
STMicroelectronics
M74HC595 STMICROELECTRONICS-M74HC595_V01 Datasheet
579Kb / 22P
8-bit shift register with output latches (3-state)
10-Jan-2014
logo
Nexperia B.V. All right...
74HC590 NEXPERIA-74HC590 Datasheet
295Kb / 18P
8-bit binary counter with output register; 3-state
Rev. 4 - 14 March 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com