Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F410 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F410
Description  Register stack 16x4 RAM 3-State output register
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F410 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F410 Datasheet HTML 1Page - NXP Semiconductors 74F410 Datasheet HTML 2Page - NXP Semiconductors 74F410 Datasheet HTML 3Page - NXP Semiconductors 74F410 Datasheet HTML 4Page - NXP Semiconductors 74F410 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Philips Semiconductors FAST Products
Product specification
74F410
Register stack – 16
×4 RAM 3-State output register
January 8, 1990
2
LOGIC DIAGRAM
VCC = pin
18
GND = pin 9
Address
decoder
A0
A1
A2
A3
3
4
5
6
RAM
16
4
D0
D1
D2
D3
17
15
13
11
Data
inputs
16
Register
Q0
Q1
Q2
Q3
16
14
12
10
WE
CS
CP
OE
8
15
13
11
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device. Unless otherwise noted these limits are over the
operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in high output state
–0.5 to VCC
V
IOUT
Current applied to output in low output state
48
mA
Tamb
Operating free air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com