Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F410 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F410
Description  Register stack 16x4 RAM 3-State output register
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F410 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F410 Datasheet HTML 1Page - NXP Semiconductors 74F410 Datasheet HTML 2Page - NXP Semiconductors 74F410 Datasheet HTML 3Page - NXP Semiconductors 74F410 Datasheet HTML 4Page - NXP Semiconductors 74F410 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors FAST Products
Product specification
74F410
Register stack – 16
×4 RAM 3-State output register
January 8, 1990
4
AC ELECTRICAL CHARACTERISTICS
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation dealy
CP to Qn
Waveform 1
4.0
4.5
6.5
6.5
8.5
9.0
3.5
4.0
9.5
10.0
ns
tPZH
tPZL
Output enable time
OE to Qn
Waveform 3, 4
3.0
4.5
4.5
6.0
7.5
9.0
2.5
3.5
8.5
9.5
ns
tPHZ
tPHL
Output disable time
OE to Qn
Waveform 3, 4
2.0
2.0
3.5
3.5
6.0
6.5
1.5
2.0
6.5
7.0
ns
AC SETUP REQUIREMENTS FOR READ MODE
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tsu(L)
Setup time, low, CS to CP1
Waveform 1
4.0
4.5
ns
th(L)
Hold time, low, CS to CP1
Waveform 1
3.5
4.5
ns
tsu(H)
tsu(L)
Setup time, high or low
An to CP1
Waveform 1
13.0
13.0
15.0
15.0
ns
th(H)
th(L)
Hold time, high or low
An to CP1
Waveform 1
0
0
0
0
ns
tsu(H)
Setup time, high, WE to CP1
Waveform 1
13.0
15.0
ns
th(H)
Hold time, high, WE to CP1
Waveform 1
0
0
ns
tw(L)
CP pulse width, low
Waveform 1
5.0
6.0
ns
NOTE:
1. Low–to–high clock transition.
AC SETUP REQUIREMENTS FOR WRITE MODE
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tsu(H)
tsu(L)
Setup time, high or low
An to WE, CS, CP
Waveform 2
0
0
0
0
ns
th(H)
th(L)
Hold time, high or low
An to WE, CS, CP
Waveform 2
0
0
0
0
ns
tsu(H)
tsu(L)
Setup time, high or low
Dn to WE, CS, CP
Waveform 2
6.0
6.0
8.0
8.0
ns
th(H)
th(L)
Hold time, high or low
Dn to WE, CS, CP
Waveform 2
0
0
0
0
ns
tw(L)
WE pulse width, low
Waveform 2
7.0
8.0
ns
tw(L)
CS pulse width, low
Waveform 2
6.0
7.0
ns
tw(L)
CP pulse width, low
Waveform 2
7.0
8.0
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com