Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSP40..SS1XB Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TSSP40..SS1XB
Description  IR Receiver Module for Light Barrier Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP40..SS1XB Datasheet(HTML) 4 Page - Vishay Siliconix

  TSSP40..SS1XB Datasheet HTML 1Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 2Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 3Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 4Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 5Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSSP40..SS1XB
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 2.0, 19-Aug-2022
4
Document Number: 82737
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Frequency Dependence of Responsivity
Fig. 6 - Sensitivity vs. Ambient Temperature
Fig. 7 - Relative Spectral Sensitivity vs. Wavelength
Fig. 8 - Horizontal Directivity
Fig. 9 - Sensitivity vs. Supply Voltage
The typical application of this device is a reflective or beam
break sensor with active low “detect” or “no detect”
information contained in its output. The TSSP40.. is also
suitable for fast (~ 15 ms) proximity sensor applications for
ranges between 10 cm and 2 m, if a burst pattern with
variable intensity is used.
Example for a sensor hardware:
There should be no common window in front of the emitter
and detector in order to avoid crosstalk via guided light
through the window.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.7
0.9
1.1
1.3
f/f0 - Relative Frequency
16925
f = f
0 ± 5 %
Δf(3 dB) = f
0/10
10
100
1000
10000
4
5
6
7
8
9
10
-30
-10
10
30
50
70
90
Axis Title
T
amb - Ambient Temperature (°C)
10
100
1000
10000
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
750
850
950
1050
1150
Axis Title
λ - Wavelength (nm)
23180
0.6
80°
0°
0.7
0.4
0.2
0
30°
70°
60°
50°
40°
10°
20°
1.0
0.9
0.8
d
rel - Relative Transmission Distance
10
100
1000
10000
6
7
8
9
10
123456
Axis Title
V
S - Supply Voltage (V)
Emitter
TSAL6200
IR detector
Separation to avoid crosstalk
by stray light inside the housing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com