Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSP40..SS1XB Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSSP40..SS1XB
Description  IR Receiver Module for Light Barrier Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP40..SS1XB Datasheet(HTML) 2 Page - Vishay Siliconix

  TSSP40..SS1XB Datasheet HTML 1Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 2Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 3Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 4Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 5Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSSP40..SS1XB
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 2.0, 19-Aug-2022
2
Document Number: 82737
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL DATA
Pinning:
1 = OUT, 2 = GND, 3 = VS
ORDERING CODE
TSSP40..SS1XB - 2160 pieces in tubes
PRESENCE SENSING
Note
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect the device reliability
23198
1
2
3
+3 V
IR emitter
+3 V
38 kHz
Envelope
signal
Out to
µC
IR detector
PARTS TABLE
Carrier frequency
38 kHz
TSSP4038SS1XB
56 kHz
TSSP4056SS1XB
Package
Mold
Pinning
1 = OUT, 2 = GND, 3 = VS
Dimensions (mm)
6.0 W x 6.95 H x 5.6 D
Mounting
Leaded
Application
Presence sensors, fast proximity sensors
Special options
• Narrow optical filter: www.vishay.com/doc?81590
• Wide optical filter: www.vishay.com/doc?82726
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Supply voltage (pin 3)
VS
-0.3 to +6.0
V
Supply current (pin 3)
IS
5mA
Output voltage (pin 1)
VO
-0.3 to 5.5
V
Voltage at output to supply
VS - VO
-0.3 to (VS + 0.3)
V
Output current (pin 1)
IO
5mA
Junction temperature
Tj
100
°C
Storage temperature range
Tstg
-25 to +85
°C
Operating temperature range
Tamb
-25 to +85
°C
Soldering temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
Power consumption
Tamb
≤ 85 °C
Ptot
10
mW



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com