Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSSP40..SS1XB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TSSP40..SS1XB
Description  IR Receiver Module for Light Barrier Systems
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSSP40..SS1XB Datasheet(HTML) 1 Page - Vishay Siliconix

  TSSP40..SS1XB Datasheet HTML 1Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 2Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 3Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 4Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 5Page - Vishay Siliconix TSSP40..SS1XB Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSSP40..SS1XB
www.vishay.com
Vishay Semiconductors
Datasheet Values Refer to PCN-OPT-1224-2022
Rev. 2.0, 19-Aug-2022
1
Document Number: 82737
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IR Receiver Module for Light Barrier Systems
LINKS TO ADDITIONAL RESOURCES
DESCRIPTION
The
TSSP40..SS1XB
are
compact
infrared
detector
modules for presence sensing applications. They provide an
active low output in response to infrared bursts at 940 nm.
The TSSP40..SS1XB are 20 x less sensitive than the
TSSP40.., for ease of use in reflective applications at less
than 1 m range where high sensitivity is not needed and
can complicate the design.
This component has not been qualified to automotive
specifications.
FEATURES
• Presence sensor: up to 2 m distance,
find more info at: www.vishay.com/doc?49009
• Light barrier: up to 12 m distance, TSAL6200
with IF = 50 mA,
find more info at: www.vishay.com/doc?49650
• Fast proximity: up to 2 m range at 5 ms
response time,
find more info at: www.vishay.com/doc?82741
• Supply voltage: 2.0 V to 5.5 V
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Reflective sensors for hand dryers, towel or soap
dispensers, water faucets, toilet flush
• Vending machine fall detection
• Security and pet gates
• Person or object vicinity switch
• Fast proximity sensors for toys, robotics, drones, and
other consumer and industrial uses
DESIGN SUPPORT TOOLS
• 3D models
• Window size calculator
BLOCK DIAGRAM
23196
23196
Product Page
Marking
Packages
Holders
Bends and Cuts
33 k
Ω
2
3
1
V
S
OUT
Demo-
GND
pass
AMP
Input
PIN
Band
dulator
16833_8


Similar Part No. - TSSP40..SS1XB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSSP40.. VISHAY-TSSP40.. Datasheet
173Kb / 6P
IR Sensor Module For Reflective Sensor, Light Barrier, And Fast Proximity Applications
16-Aug-2022
More results

Similar Description - TSSP40..SS1XB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHF5110 ETC-SHF5110 Datasheet
64Kb / 7P
IR-Receiver for Remote Control Systems
logo
Vishay Siliconix
TSOP4038 VISHAY-TSOP4038 Datasheet
105Kb / 5P
IR Receiver Module for Light Barrier Systems
28-Mar-12
TSSP4038 VISHAY-TSSP4038 Datasheet
105Kb / 5P
IR Receiver Module for Light Barrier Systems
13-Mar-12
TSOP58038 VISHAY-TSOP58038 Datasheet
355Kb / 11P
IR Receiver Module for Light Barrier Systems
13-Aug-09
TSOP5038TR VISHAY-TSOP5038TR Datasheet
355Kb / 11P
IR Receiver Module for Light Barrier Systems
13-Aug-09
TSSP58038 VISHAY-TSSP58038 Datasheet
120Kb / 6P
IR Receiver Module for Light Barrier Systems
31-Aug-15
TSSP58038SS1XB VISHAY-TSSP58038SS1XB Datasheet
121Kb / 6P
IR Receiver Module for Light Barrier Systems
19-Jan-16
TSSP40SS1XB VISHAY-TSSP40SS1XB Datasheet
115Kb / 5P
IR Receiver Module for Light Barrier Systems
19-Oct-16
TSSP580 VISHAY-TSSP580 Datasheet
168Kb / 6P
IR Receiver Module for Light Barrier Systems
13-Apr-2022
TSSP980 VISHAY-TSSP980 Datasheet
171Kb / 6P
IR Receiver Module for Light Barrier Systems
13-Apr-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com