Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8798AS Datasheet(PDF) 3 Page - Exar Corporation

Part # MP8798AS
Description  CMOS Very Low Power, 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8798AS Datasheet(HTML) 3 Page - Exar Corporation

  MP8798AS Datasheet HTML 1Page - Exar Corporation MP8798AS Datasheet HTML 2Page - Exar Corporation MP8798AS Datasheet HTML 3Page - Exar Corporation MP8798AS Datasheet HTML 4Page - Exar Corporation MP8798AS Datasheet HTML 5Page - Exar Corporation MP8798AS Datasheet HTML 6Page - Exar Corporation MP8798AS Datasheet HTML 7Page - Exar Corporation MP8798AS Datasheet HTML 8Page - Exar Corporation MP8798AS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP8798
3
Rev. 3.00
PIN OUT DEFINITIONS
1
DB3
Data Output Bit 3
2
DB4
Data Output Bit 4
3
DB5
Data Output Bit 5
4
DB6
Data Output Bit 6
5
DB7
Data Output Bit 7
6
DGND
Digital Ground
7DVDD
Digital VDD
8WR
Write (Active Low)
9
A1
Address 1 Input
10
A0
Address 0 Input
11
CLK
Clock Input
12
DB8
Data Output Bit 8
13
DB9
Data Output Bit 9 (MSB)
14
OFW
Overflow Output
PIN NO.
NAME
DESCRIPTION
15
VREF(+)
Upper Reference Voltage
16
VREF(–)
Lower Reference Voltage
17
VREF1(–)
Lower Reference Voltage
18
1/2 R
Reference Ladder Tap
19
AIN1
Analog Signal Input 1
20
AIN2
Analog Signal Input 2
21
AIN3
Analog Signal Input 3
22
AIN4
Analog Signal Input 4
23
AGND
Analog Ground
24
AVDD
Analog VDD
25
PD
Power Down
26
DB0
Data Output Bit 0 (LSB)
27
DB1
Data Output Bit 1
28
DB2
Data Output Bit 2
PIN NO.
NAME
DESCRIPTION
TRUTH TABLE FOR INPUT CHANNEL SELECTION
00
0
AIN1
00
1
AIN2
01
0
AIN3
01
1
AIN4
1
X
X
Previous selection
WR
A1
SELECTED ANALOG INPUT
A0
Note: WR, A1, A0 are internally connected to GND through
500k
Ω resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com