Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8798AS Datasheet(PDF) 8 Page - Exar Corporation

Part # MP8798AS
Description  CMOS Very Low Power, 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8798AS Datasheet(HTML) 8 Page - Exar Corporation

Back Button MP8798AS Datasheet HTML 4Page - Exar Corporation MP8798AS Datasheet HTML 5Page - Exar Corporation MP8798AS Datasheet HTML 6Page - Exar Corporation MP8798AS Datasheet HTML 7Page - Exar Corporation MP8798AS Datasheet HTML 8Page - Exar Corporation MP8798AS Datasheet HTML 9Page - Exar Corporation MP8798AS Datasheet HTML 10Page - Exar Corporation MP8798AS Datasheet HTML 11Page - Exar Corporation MP8798AS Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MP8798
8
Rev. 3.00
Figure 7. gives a visual definition of the INL error. The chart
shows a 3-bit converter transfer curve with greatly exaggerated
DNL errors to show the deviation of the real transfer curve from
the ideal one.
After a tester has measured all the transition voltages, the
computer draws a line parallel to the ideal transfer line. By defi-
nition the best fit line makes equal the positive and the negative
INL errors. For example, an INL error of –1 to +2 LSB’s relative
to the Ideal Line would be +1.5 LSB’s relative to the best fit line.
7
6
5
4
3
2
1
Figure 7. INL Error Calculation
Output
Codes
Analog Input (Volt)
Best Fit Line
EFS
EZS
LSB
Ideal Transfer Line
Real Transfer Line
INL
Clock and Conversion Timing
A system will clock the MP8798 continuously or it will give
clock pulses intermittently when a conversion is desired. The
timing of
Figure 8a shows normal operation, while the timing of
Figure 8b keeps the MP8798 in balance and ready to sample the
analog input.
Figure 8. Relationship of Data to Clock
CLOCK
DATA
b. Single sampling
N
N
BALANCE
CLOCK
DATA
a. Continuous sampling
N
N+1
N
N+1
Analog Input
The MP8798 has very flexible input range characteristics.
The user may set VREF(+) and VREF(–) to two fixed voltages and
then vary the input DC and AC levels to match the VREF range.
Another method is to first design the analog input circuitry and
then adjust the reference voltages for the analog input range.
One advantage is that this approach may eliminate the need for
external gain and offset adjust circuitry which may be required
by fixed input range A/Ds.
The MP8798’s performance is optimized by using analog in-
put circuitry that is capable of driving the AIN input. Figure 9.
shows the equivalent circuit for AIN.
300
Ω
15 pF
Figure 9. Analog Input Equivalent Circuit
VDD
AIN
40
Ω
φ
S
60 pF
87 pF
160
Ω
4
1 pF
10 pF
Channel
Selection
4
Control
R Series
40
Ω
R MUX
500
Ω
87 pF
1/2 [ VREF(+)
+ VREF(–) ]
φS
φB
4 pF
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com