Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8798AS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP8798AS
Description  CMOS Very Low Power, 1 MSPS 10-Bit Analog-to-Digital Converter with 4-Channel Mux
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP8798AS Datasheet(HTML) 1 Page - Exar Corporation

  MP8798AS Datasheet HTML 1Page - Exar Corporation MP8798AS Datasheet HTML 2Page - Exar Corporation MP8798AS Datasheet HTML 3Page - Exar Corporation MP8798AS Datasheet HTML 4Page - Exar Corporation MP8798AS Datasheet HTML 5Page - Exar Corporation MP8798AS Datasheet HTML 6Page - Exar Corporation MP8798AS Datasheet HTML 7Page - Exar Corporation MP8798AS Datasheet HTML 8Page - Exar Corporation MP8798AS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP8798
1
Rev. 3.00
FEATURES
• 10-Bit Resolution
• 4-Channel Mux
• Sampling Rates from <1 kHz to 1 MHz
• Very Low Power CMOS - 30 mW (typ)
• Power Down; Lower Consumption – 3 mW (typ)
• Input Range between GND and VDD
• No S/H Required for Analog Signals less than 100 kHz
• No S/H Required for CCD Signals less than 1 MHz
• Single Power Supply (4 to 6 Volts)
• Latch-Up Free
• High ESD Protection: 4000 Volts Minimum
• 3 V Version: MP87L98
CMOS
Very Low Power, 1 MSPS 10-Bit
Analog-to-Digital Converter with 4-Channel Mux
BENEFITS
• Reduced Board Space (Small Package)
• Reduced External Parts, No Sample/Hold Needed
• Suitable for Battery & Power Critical Applications
• Designer can Adapt Input Range & Scaling
APPLICATIONS
• µP/DSP Interface and Control Applications
• High Resolution Imaging – Scanners & Copiers
• Wireless Digital Communications
• Multiplexed Data Acquisition
GENERAL DESCRIPTION
The MP8798 is a flexible, easy to use, precision 10-bit
Analog-to-Digital Converter with 4-channel mux that operates
over a wide range of input and sampling conditions.
The
MP8798 can operate with pulsed “on demand” conversion
operation or continuous “pipeline” operation for sampling rates
up to 1 MHz. The elimination of the S/H, requirements, very low
power, and small package size offer the designer a low cost
solution. No sample and hold is required for charge couple
device applications, up to 1 MHz, or multiplexed input
applications when the signal source bandwidth is limited to 100
kHz.
The input
architecture of the MP8798 allows direct
interface to any analog input range between AGND and AVDD (0
to 2 V, 1 to 4 V, 0 to 5 V, etc.). The user simply sets VREF(+) and
VREF(–) to encompass the desired input range.
Scaled reference resistor tap 1/2 R allows for customizing
the transfer curve as well as providing a 1/2 span reference
voltage. Digital outputs are CMOS and TTL compatible.
The MP8798 uses a two-step flash technique.
The first
segment converts the 4 MSBs and consists of 15 autobalanced
comparators, latches, an encoder, and buffer storage registers.
The second segment converts the remaining 6 LSBs.
When the power down input is “high”, the data outputs DB9 to
DB0 hold the current values and VREF(–) is disconnected from
VREF1(–). The power consumption during the power down mode
is approximately 3mW.
Specified for operation over the commercial / industrial (–40
to +85
°C) temperature range, the MP8798 is available in plastic
dual-in-line (PDIP), surface mount (SOIC), and shrink small
outline (SSOP) packages.
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
DNL
(LSB)
INL
(LSB)
SOIC
–40 to +85
°C
MP8798AS
1
2
PDIP
–40 to +85
°C
MP8798AN
1
2
SSOP
–40 to +85
°C
MP8798AQ
1
2


Similar Part No. - MP8798AS

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
MP8792 MPSIND-MP8792 Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8792GLE MPSIND-MP8792GLE Datasheet
1Mb / 20P
16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
Rev. 1.0
MP8794 MPSIND-MP8794 Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
MP8794GLE MPSIND-MP8794GLE Datasheet
1Mb / 22P
16V, 20A, Synchronous, Step-Down Converter with Adjustable Current Limit,
Rev. 1.0 12/2/2019
logo
Exar Corporation
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - MP8798AS

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD6414 EXAR-XRD6414 Datasheet
204Kb / 16P
CMOS 10-Bit, 20 MSPS, High Speed Analog-to-Digital Converter with 4:1 Input Analog Multiplexer
MP8799 EXAR-MP8799 Datasheet
159Kb / 20P
CMOS Very Low Power, 1 MSPS, 10-Bit Analog-to-Digital Converter with 8-Channel Mux
MP8795 EXAR-MP8795 Datasheet
932Kb / 14P
CMOS 1.5 MSPS VERY LOW POWER 10-BIT ANALOG-TO-DIGITAL CONVERTER
XRD6406 EXAR-XRD6406 Datasheet
363Kb / 12P
CMOS 6 MSPS, 10-Bit, High Speed Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5204-Q1 TI1-ADS5204-Q1 Datasheet
964Kb / 25P
DUAL 10-BIT 40 MSPS LOW-POWER ANALOG-TO-DIGITAL CONVERTER WITH PGA
DAC900-Q1 TI1-DAC900-Q1 Datasheet
695Kb / 26P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com