Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F621 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74F621
Description  Octal bus transceiver, non-inverting open collector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F621 Datasheet(HTML) 5 Page - NXP Semiconductors

  74F621 Datasheet HTML 1Page - NXP Semiconductors 74F621 Datasheet HTML 2Page - NXP Semiconductors 74F621 Datasheet HTML 3Page - NXP Semiconductors 74F621 Datasheet HTML 4Page - NXP Semiconductors 74F621 Datasheet HTML 5Page - NXP Semiconductors 74F621 Datasheet HTML 6Page - NXP Semiconductors 74F621 Datasheet HTML 7Page - NXP Semiconductors 74F621 Datasheet HTML 8Page - NXP Semiconductors 74F621 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74F621
Octal bus transceiver, non-inverting (open collector)
1996 Jan 05
5
AC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST
CONDITION
VCC = +5V
Tamb = +25°C
CL = 50pF, RL = 500Ω
VCC = +5V ± 10%
Tamb = 0°C to +70°C
CL = 50pF, RL = 500Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
An to Bn
Waveform 1
6.0
4.0
9.5
6.0
12.0
8.0
5.5
3.5
13.0
8.5
ns
tPLH
tPHL
Propagation delay
Bn to An
Waveform 1
6.0
3.5
9.0
5.5
12.0
7.5
5.5
3.0
12.5
8.0
ns
tPLH
tPHL
Propagation delay
OEBA to An
Waveform 2
6.0
3.5
10.0
6.5
13.5
10.5
5.5
3.0
14.0
11.0
ns
tPLH
tPHL
Propagation delay
OEAB to Bn
Waveform 3
7.0
3.5
12.0
6.5
15.0
9.5
6.0
3.0
17.0
10.0
ns
AC WAVEFORMS
For all waveforms, VM = 1.5V.
VM
VM
VM
VM
Bn or An
An or Bn
tPLH
tPHL
SF01132
Waveform 1. For Non-Inverting Outputs
VM
VM
VM
VM
Bn
OEBA
tPLH
tPHL
SF01138
Waveform 2. Propagation Delay, OEBA to An
VM
VM
VM
VM
Bn
OEAB
tPLH
tPHL
SF01139
Waveform 3. Propagation Delay, OEAB to Bn



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com