Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F621 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74F621
Description  Octal bus transceiver, non-inverting open collector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F621 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74F621 Datasheet HTML 2Page - NXP Semiconductors 74F621 Datasheet HTML 3Page - NXP Semiconductors 74F621 Datasheet HTML 4Page - NXP Semiconductors 74F621 Datasheet HTML 5Page - NXP Semiconductors 74F621 Datasheet HTML 6Page - NXP Semiconductors 74F621 Datasheet HTML 7Page - NXP Semiconductors 74F621 Datasheet HTML 8Page - NXP Semiconductors 74F621 Datasheet HTML 9Page - NXP Semiconductors 74F621 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74F621
Octal bus transceiver, non-inverting (open collector)
1996 Jan 05
6
TYPICAL PROPAGATION DELAYS VERSUS LOAD FOR OPEN COLLECTOR OUTPUTS
0
100
200
300
400
500
600
18
16
14
12
10
8
6
4
2
0
Load Resistor (
W)
Propagation
delay (ns)
tPLH
tPHL
SF01153
NOTE:
When using open-collector parts, the value of the pull-up resistor greatly affects the value of the tPLH. For example, changing the pull-up
resistor value from 500
W to 100W will improve the tPLH up to 50% with only slight increase in the tPHL. However, if the pull-up resistor is
changed, the user must take certain that the total IOL current through the resistor and the total IIL’s of the receivers do not exceed the IOL
maximum specification.
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Open Collector Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
RL
7.0V
SF00027



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com