Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F621 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F621
Description  Octal bus transceiver, non-inverting open collector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F621 Datasheet(HTML) 4 Page - NXP Semiconductors

  74F621 Datasheet HTML 1Page - NXP Semiconductors 74F621 Datasheet HTML 2Page - NXP Semiconductors 74F621 Datasheet HTML 3Page - NXP Semiconductors 74F621 Datasheet HTML 4Page - NXP Semiconductors 74F621 Datasheet HTML 5Page - NXP Semiconductors 74F621 Datasheet HTML 6Page - NXP Semiconductors 74F621 Datasheet HTML 7Page - NXP Semiconductors 74F621 Datasheet HTML 8Page - NXP Semiconductors 74F621 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74F621
Octal bus transceiver, non-inverting (open collector)
1996 Jan 05
4
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to +5.5
V
IO
Current applied to output in Low output state
A0–A7
48
mA
IOUT
Current applied to output in Low output state
B0–B7
128
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
VOH
High-level output current
4.5
V
IO
Low level output current
A0–A7
24
mA
IOL
Low-level output current
B0–B7
64
mA
Tamb
Operating free-air temperature range
0
70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
NO TAG
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONSNO TAG
MIN
TYP
NO TAG
MAX
UNIT
IOH
High-level output current
VCC = MIN, VIL = MAX, VIH=MIN, VOH = MAX
250
µA
A0 A7
IO = 24mA
±10%VCC
0.35
0.50
V
VO
Low-level output
A0–A7
VCC = MIN,
VIL = MAX
IOL = 24mA
±5%VCC
0.35
0.50
V
VOL
voltage
B0 B7
VIL = MAX,
VIH = MIN,
IOL = 48mA
±10%VCC
0.38
0.55
V
B0–B7
IOL = 64mA
±5%VCC
0.42
0.55
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
I
Input current at
maximum input
OEBA, OEAB
VCC = MAX, VI = 7.0V
100
µA
II
maximum in ut
voltage
others
VCC = 0.0V, VI = 5.5V
1
mA
IIH
High-level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–20
µA
Supply current
ICCH
OEBA = OEAB = A0–A7 = 4.5V
105
140
mA
ICC
Supply current
(total)
ICCL
VCC = MAX
OEBA = OEAB = 4.5V,
A0–A7 = GND
105
140
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com