Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDI7F331MV Datasheet(PDF) 2 Page - White Electronic Designs Corporation

Part # EDI7F331MV
Description  1Mx32 FLASH MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI7F331MV Datasheet(HTML) 2 Page - White Electronic Designs Corporation

  EDI7F331MV Datasheet HTML 1Page - White Electronic Designs Corporation EDI7F331MV Datasheet HTML 2Page - White Electronic Designs Corporation EDI7F331MV Datasheet HTML 3Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI7F331MV
Sept. 2002
Rev. 2A
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PIN CONFIGURATIONS
A0-A19
Address input
E0#,E1#
Chip Enable
W0#-W3#
Write Enable
G#
Output Enable
DQ0-DQ31
Data Input/Output
PD
Presence Detect
VCC
Power 3.3V±10%
VSS
Ground
NC
No Connect
SIMM Density
Pin
1Meg
2x1Meg
21
NC
NC
22
NC
NC
23
NC
E1#
24
E0#
E0#
Presence Detect Pin Out
Pin
1Meg
2x1Meg
PD1
NC
VSS
PD2
VSS
VSS
PD3
NC
NC
PD4
VSS
VSS
*TBD
CAPACITANCE
(f=1.0MHz, VIN = VCC or VSS)
1Meg
2x1Meg
Parameter
Sym
Max
Max
Unit
Address Lines
CA
35
70
pF
Data lines
CDQ
15
30
pF
Chip & Write
Enable Lines
CC
15
30
pF
Output Enable lines
CG
35
70
pF
Pin
#
Pin
Name
Pin
#
Pin
Name
Pin
#
Pin
Name
Pin
#
Pin
Name
1
VSS
21
*
41
A11
61
DQ9
2
VCC
22
*
42
A10
62
DQ8
3
NC
23
*
43
A9
63
DQ7
4
G#
24
*
44
A8
64
DQ6
5
W0#
25
VSS
45
A7
65
DQ5
6
W1#
26
DQ29
461
A6
66
DQ4
7
NC
27
DQ30
47
A5
67
DQ3
8
DQ16
28
DQ31
48
A4
68
DQ2
9
DQ17
29
W2#
49
A3
69
DQ1
10
DQ18
30
NC
50
A2
70
DQ0
11
DQ19
31
NC
51
A1
71
NC
12
DQ20
32
NC
52
AO
72
VCC
13
DQ21
33
A19
53
W3#
73
PD1
14
DQ22
34
A18
54
VSS
74
PD2
15
DQ23
35
A17
55
DQ15
75
PD3
16
DQ24
36
A16
56
DQ14
76
PD4
17
DQ25
37
A15
57
DQ13
77
PD5
18
DQ26
38
A14
58
DQ12
78
PD6
19
DQ27
39
A13
59
DQ11
79
PD7
20
DQ28
40
A12
60
DQ10
80
VSS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com