Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDI7F331MV Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # EDI7F331MV
Description  1Mx32 FLASH MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI7F331MV Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  EDI7F331MV Datasheet HTML 1Page - White Electronic Designs Corporation EDI7F331MV Datasheet HTML 2Page - White Electronic Designs Corporation EDI7F331MV Datasheet HTML 3Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI7F331MV
Sept. 2002
Rev. 2A
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
Note: To order an Industrial grade product substitute the letter C in the
Suffix with the letter I.
ORDERING INFORMATION
PACKAGE NO. 346: 80 PIN SIMM
PACKAGE NO. 361: 80 PIN SIMM
J1
J3
153
0.062 R
0.062 R
0.850
MAX.
MIN.
4.655 MAX.
4.384
0.250
2.245
2.192
0.400
4.150
0.050 TYP.
0.250
0.120
MAX.
0.125
R3
R1
J1
J3
153
P1
0.850
MAX.
4.150
0.050 TYP.
0.250
J2-1
J2-2
J2-3
0.062 R
0.062 R
MAX.
MIN.
0.225
MIN.
4.655 MAX.
4.384
0.250
2.245
2.192
0.400
0.170
0.125
R3
ORDERING INFORMATION
Note: To order an Industrial grade product substitute the letter C in the
Suffix with the letter I.
Part Number
Speed
(ns)
Package
EDI7F331MV80BNC
80
346
EDI7F331MV90BNC
90
346
EDI7F331MV100BNC
100
346
EDI7F331MV120BNC
120
346
EDI7F331MV150BNC
150
346
Part Number
Speed
(ns)
Package
EDI7F2331MV80BNC
80
361
EDI7F2331MV90BNC
90
361
EDI7F2331MV100BNC
100
361
EDI7F2331MV120BNC
120
361
EDI7F2331MV150BNC
150
361
ALL DIMENSIONS ARE IN INCHES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com