Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EDI7F331MV Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # EDI7F331MV
Description  1Mx32 FLASH MODULE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI7F331MV Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  EDI7F331MV Datasheet HTML 1Page - White Electronic Designs Corporation EDI7F331MV Datasheet HTML 2Page - White Electronic Designs Corporation EDI7F331MV Datasheet HTML 3Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
EDI7F331MV
Sept. 2002
Rev. 2A
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
1Mx32 and 2x1Mx32 Densities
Based on AMD - AM29LV008T Flash Device
Fast Read Access Time - 80ns
3.3V Only Reprogramming
Flexible, Sector Architecture
One 16Kbyte, two 8Kbyte, one 32Kbyte and fifteen 64Kbyte
sectors
Any combination of sectors can be erased
Also supports full chip erase
Sector Protection
Hardware method that disables any combination of sectors
from write or erase operations
Embedded Erase Algorithms
Automatically preprograms and erases the chip or any
combination of sectors
Embedded Program Algorithms
Automatically programs and verifies data at specified
address
Data Polling and Toggle Bit feature for detection of program or
erase cycle completion
Low Power Dissipation
30mA per Device Active Current
10µA per Device CMOS Standby Current
Typical Endurance >100,000 Cycles
Single 3.3V ±10% Supply
CMOS and TTL Compatible Inputs and Outputs
Commercial and Industrial Temperature Range
Package
80 Pin SIMM (JEDEC)
The EDI7F331MV and EDI7F2331MV are organized as one and
two banks of 1Mx32 respectively. The modules are based onAMDs
AM29LV008T - 1Mx8 Flash device in TSOP packages which are
mounted on an FR4 substrate.
Both modules offer access times between 80 and 150ns
allowing for operation of high-speed microprocessors without
wait states.
BLOCK DIAGRAMS
EDI7F331MV-BNC: 1Mx32 80 PIN SIMM
EDI7F2331MV-BNC: 2x1Mx32 80 PIN SIMM
1Mx32 FLASH MODULE
FEATURES
DESCRIPTION
FIG. 1
A0-A19
G#
DQ0-DQ7
DQ8-DQ15
DQ16-DQ23
DQ24-DQ31
1Mx8
1Mx8
1Mx8
1Mx8
E0#
W0#
W1#
W2#
W3#
A0-A19
G#
DQ0-DQ7
DQ8-DQ15
DQ16-DQ23
DQ24-DQ31
1Mx8
1Mx8
1Mx8
1Mx8
1Mx8
1Mx8
1Mx8
1Mx8
E1#
E0#
W0#
W1#
W2#
W3#


Similar Part No. - EDI7F331MV

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
1Mx32 FLASH MODULE
EDI7F331MC100BNC WEDC-EDI7F331MC100BNC Datasheet
345Kb / 3P
1Mx32 FLASH MODULE
Rev. 3A
EDI7F331MC120BNC WEDC-EDI7F331MC120BNC Datasheet
345Kb / 3P
1Mx32 FLASH MODULE
Rev. 3A
EDI7F331MC150BNC WEDC-EDI7F331MC150BNC Datasheet
345Kb / 3P
1Mx32 FLASH MODULE
Rev. 3A
EDI7F331MC80BNC WEDC-EDI7F331MC80BNC Datasheet
345Kb / 3P
1Mx32 FLASH MODULE
Rev. 3A
More results

Similar Description - EDI7F331MV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS1M32-XG3X ETC1-WS1M32-XG3X Datasheet
145Kb / 8P
1Mx32 SRAM MODULE
logo
White Electronic Design...
EDI7F331MC WEDC-EDI7F331MC Datasheet
263Kb / 3P
1Mx32 FLASH MODULE
EDI7F341MC WEDC-EDI7F341MC Datasheet
270Kb / 3P
1Mx32 FLASH MODULE
EDI7F341MV WEDC-EDI7F341MV Datasheet
268Kb / 3P
1Mx32 FLASH MODULE
W7G1M32SVX-BN WEDC-W7G1M32SVX-BN Datasheet
169Kb / 10P
8MB/4MB (2x1Mx32 / 1Mx32) CMOS, Boot Sector Flash Memory Module
W7MG1M32SVX-BN WEDC-W7MG1M32SVX-BN Datasheet
169Kb / 10P
8MB/4MB (2x1Mx32 / 1Mx32) MirrorBitTM 3.0V, Boot Sector Flash Memory Module
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
1Mx32 5V Flash Module
WF1M32B-XXX3 WEDC-WF1M32B-XXX3 Datasheet
481Kb / 13P
1Mx32 3.3V Flash Module
WS1M32V-XG3X WEDC-WS1M32V-XG3X Datasheet
306Kb / 6P
1Mx32 SRAM 3.3V MODULE
EDI7F2331MC WEDC-EDI7F2331MC Datasheet
345Kb / 3P
1Mx32 FLASH MODULE
Rev. 3A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com