Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER222LSTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # VIPER222LSTR
Description  High voltage converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER222LSTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button VIPER222LSTR Datasheet HTML 2Page - STMicroelectronics VIPER222LSTR Datasheet HTML 3Page - STMicroelectronics VIPER222LSTR Datasheet HTML 4Page - STMicroelectronics VIPER222LSTR Datasheet HTML 5Page - STMicroelectronics VIPER222LSTR Datasheet HTML 6Page - STMicroelectronics VIPER222LSTR Datasheet HTML 7Page - STMicroelectronics VIPER222LSTR Datasheet HTML 8Page - STMicroelectronics VIPER222LSTR Datasheet HTML 9Page - STMicroelectronics VIPER222LSTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
4
Electrical characteristics
(TJ = 25 °C, VCC = 9 V; unless otherwise specified)
Table 5. Electrical characteristics
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VBVDSS
Breakdown voltage
ID = 1 mA,
EA-OUT= GND
730
V
RDS(on)
Drain-Source ON state resistance
ID = 0.2 A;
TJ = 25 °C
15
Ω
COSS
Effective (energy related) output
capacitance
VDRAIN = 100 V
13
pF
IDSS
OFF state DRAIN leakage current
VDRAIN = 730 V
50
µA
VSTART
Drain-source start voltage
30
V
ICH1
Startup charging current
VDRAIN = 100 V
VCC=0 V
-0.6
-1.4
mA
ICH2
Charging current during operation
VDRAIN = 100 V
VCC = 6 V
-2
-4
mA
ICH3
Charging current during self-supply
VDRAIN = 100 V
VCC = 6 V
-6
-9
mA
VCC
Operating voltage range
4.5
30
V
VCLAMP
VCC clamp voltage
ICC = 35 mA
30
V
VON
VCC ON threshold
15
16
17
V
VCCL
VCC low value
4
4.25
4.5
V
VOFF
UVLO
3.75
4
4.25
V
ICC0
Operating supply current, not switching
Not switching
0.5
mA
ICC1
Operating supply current, switching
VDS = 150 V
VEA-OUT = 1.2 V
FOSC = 30 kHz
1.3
VDS = 150 V
VEA-OUT = 1.2 V
FOSC = 60 kHz
1.6
mA
ICC_FAIL
VCC clamp protection
30
mA
ILIM
Drain current limit (OCP)
TJ =25 °C
0.59
0.62
0.65
A
ILIM_BM
Drain current limit at low load
TJ = 25 °C
VEA-OUT = VEA_BM
105
130
155
mA
TON(MIN)
Minimum turn ON time
350
ns
tRESTART
Restart time after fault
1.2
s
tOVL
Overload delay time
55
ms
VIPER222
Electrical characteristics
DS13192 - Rev 2
page 6/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com