Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER222LSTR Datasheet(PDF) 3 Page - STMicroelectronics

Part # VIPER222LSTR
Description  High voltage converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER222LSTR Datasheet(HTML) 3 Page - STMicroelectronics

  VIPER222LSTR Datasheet HTML 1Page - STMicroelectronics VIPER222LSTR Datasheet HTML 2Page - STMicroelectronics VIPER222LSTR Datasheet HTML 3Page - STMicroelectronics VIPER222LSTR Datasheet HTML 4Page - STMicroelectronics VIPER222LSTR Datasheet HTML 5Page - STMicroelectronics VIPER222LSTR Datasheet HTML 6Page - STMicroelectronics VIPER222LSTR Datasheet HTML 7Page - STMicroelectronics VIPER222LSTR Datasheet HTML 8Page - STMicroelectronics VIPER222LSTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2
Typical power capability
Table 2. Typical power
VIN: 230 VAC
VIN: 85 - 265 VAC
Adapter (1)
Open frame (2)
Adapter (1)
Open frame (2)
11 W
13 W
7 W
8 W
1. Typical continuous power in non-ventilated enclosed adapter measured at 50 °C ambient.
2. Maximum practical continuous power in an open frame design at 50 °C ambient, with adequate heat-sinking
VIPER222
Typical power capability
DS13192 - Rev 2
page 3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com