Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER222LSTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER222LSTR
Description  High voltage converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER222LSTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER222LSTR Datasheet HTML 3Page - STMicroelectronics VIPER222LSTR Datasheet HTML 4Page - STMicroelectronics VIPER222LSTR Datasheet HTML 5Page - STMicroelectronics VIPER222LSTR Datasheet HTML 6Page - STMicroelectronics VIPER222LSTR Datasheet HTML 7Page - STMicroelectronics VIPER222LSTR Datasheet HTML 8Page - STMicroelectronics VIPER222LSTR Datasheet HTML 9Page - STMicroelectronics VIPER222LSTR Datasheet HTML 10Page - STMicroelectronics VIPER222LSTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tOVLmax
Maximum overload delay
time
VIPER222XSTR
FOSC = FOSCmin
220
ms
VIPER222LSTR
FOSC = FOSCmin
440
tSS
Soft-start time
5
11
ms
tCC_FAIL
Clamp time before shutdown
325
500
675
µs
FOSC
Switching frequency
VIPER222XSTR
27
30
33
kHz
VIPER222LSTR
54
60
66
FOSCmin
Minimum switching
frequency
13.5
15
16.5
kHz
FD
Modulation depth
(1)
±7
kHz
FM
Modulationfrequency
(1)
260
Hz
DMAX
Max. duty cycle
(1)
70
80
%
VREF
E/A reference voltage
1.175
1.2
1.225
V
IPULL UP
EA-IN pin current pull-up
-1
µA
GM
E/A Trans conductance
(1)
0.5
mA/V
VEA-SAT
EA-OUT pin saturation limit
3
V
VEA-BM
Burstmode threshold
0.8
V
RDYN
Dynamic resistance
VEA-OUT =2.7V
VEA-IN =GND
65
kΩ
HEA-OUT
ΔVEA-OUT / ΔID
(1)
3.8
7
V/A
IEA-OUT
EA-OUT pin source / sink current
100
µA
TSD
Thermal shutdown temperature
(1)
150
160
°C
1. Specification assured by characterization.
VIPER222
Electrical characteristics
DS13192 - Rev 2
page 7/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com