Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER267KDTR Datasheet(PDF) 5 Page - STMicroelectronics

Part # VIPER267KDTR
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER267KDTR Datasheet(HTML) 5 Page - STMicroelectronics

  VIPER267KDTR Datasheet HTML 1Page - STMicroelectronics VIPER267KDTR Datasheet HTML 2Page - STMicroelectronics VIPER267KDTR Datasheet HTML 3Page - STMicroelectronics VIPER267KDTR Datasheet HTML 4Page - STMicroelectronics VIPER267KDTR Datasheet HTML 5Page - STMicroelectronics VIPER267KDTR Datasheet HTML 6Page - STMicroelectronics VIPER267KDTR Datasheet HTML 7Page - STMicroelectronics VIPER267KDTR Datasheet HTML 8Page - STMicroelectronics VIPER267KDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DS12978 Rev 1
5/28
VIPer26K
Electrical and thermal ratings
28
2
Electrical and thermal ratings
Table 2. Absolute maximum ratings
Symbol
Pin
Parameter(1),(2)
Value
Unit
Min.
Max.
VDRAIN
13-16
Drain-to-source (ground) voltage
1.05
KV
IDRAIN
Pulse drain current (limited by
TJ = 150 °C)
3A
VDD
5
Supply voltage
-0.3
Internally
limited
V
IDD
5
Input current
20
mA
VFB
7
Feedback pin voltage
-0.3
4.8
V
VCOMP
8
Input pin voltage
-0.3
3.5
V
PTOT
Power dissipation at TA < 60 °C
1.05(3)
W
TJ
Operating junction temperature range
-40
150
°C
TSTG
Storage temperature
-55
150
°C
1. Stresses beyond those listed absolute maximum ratings may cause permanent damage to the device.
2. Exposure to absolute-maximum-rated conditions for extended periods may affect the device reliability.
3. When mounted on a standard single side FR4 board with 100 mm² (0.1552 inch) of Cu (35 μm thick).
Table 3. Thermal data
Symbol
Parameter
Max. value
Unit
RTH-JC
Thermal resistance junction to case (1)
(Dissipated power = 1 W)
10
°C/W
RTH-JC
Thermal resistance junction to case (2)
(Dissipated power = 1 W)
5
°C/W
RTH-JA
Thermal resistance junction ambient (1)
(Dissipated power = 1 W)
120
°C/W
RTH-JA
Thermal resistance junction ambient (2)
(Dissipated power = 1 W)
85
°C/W
1. When mounted on a standard, single side FR4 board with minimum copper area.
2. When mounted on a standard, single side FR4 board with 100 mm2 of Cu (35 μm thick).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com