Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER267KDTR Datasheet(PDF) 15 Page - STMicroelectronics

Part # VIPER267KDTR
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER267KDTR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VIPER267KDTR Datasheet HTML 11Page - STMicroelectronics VIPER267KDTR Datasheet HTML 12Page - STMicroelectronics VIPER267KDTR Datasheet HTML 13Page - STMicroelectronics VIPER267KDTR Datasheet HTML 14Page - STMicroelectronics VIPER267KDTR Datasheet HTML 15Page - STMicroelectronics VIPER267KDTR Datasheet HTML 16Page - STMicroelectronics VIPER267KDTR Datasheet HTML 17Page - STMicroelectronics VIPER267KDTR Datasheet HTML 18Page - STMicroelectronics VIPER267KDTR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
DS12978 Rev 1
15/28
VIPer26K
General description
28
4.5
Oscillator
The switching frequency is internally fixed at 60 kHz.
The switching frequency is modulated by approximately ±4 kHz at 230 Hz (typical) rate, so
that the resulting spread spectrum action distributes the energy of each harmonic of the
switching frequency over a number of sideband harmonics having the same energy on the
whole but smaller amplitudes.
4.6
Soft-start
During the converters' start-up phase, the soft-start function progressively increases the
cycle-by-cycle drain current limit, up to the default value IDLIM. In this way, the drain current
is further limited and the output voltage is progressively increased reducing the stress on the
secondary diode. The soft-start time is internally fixed to tSS, and the function is activated for
any attempt of converter startup and after a fault event.
This function helps prevent transformer saturation during startup and short-circuit.
4.7
Current limit set point
The VIPer26K includes a current mode PWM controller: cycle by cycle the drain current is
sensed through the integrated resistor RSENSE and the voltage is applied to the non-
inverting input of the PWM comparator. As soon as the sensed voltage is equal to the
voltage derived from the COMP pin, the power MOSFET is switched OFF.
In parallel with the PWM operations, the comparator OCP checks the level of the drain
current and switches OFF the power MOSFET in case the current is higher than the
threshold IDlim.
The IC is available with two different drain current limitations: the VIPer267K has a 700 mA
(typical value), whereas the VIPer265K is available with 500 mA current limitation.
Both values are ensured with tolerance reported in Table 3.
4.8
FB pin and COMP pin
The device can be used both in non-isolated and in isolated topology. In the case of non-
isolated topology, the feedback signal from the output voltage is applied directly to the FB
pin as inverting input of the internal error amplifier having the reference voltage, VREF_FB.
The output of the error amplifier sources and sinks the current, ICOMP, respectively to and
from the compensation network connected on the COMP pin. This signal is then compared,
in the PWM comparator, with the signal coming from the sense-FET; the power MOSFET is
switched off when the two values are the same on a cycle-by-cycle basis.
When the power supply output voltage is equal to the error amplifier reference voltage,
VREF_FB, a single resistor has to be connected from the output to the FB pin. For higher
output voltages the external resistor divider is needed. If the voltage on the FB pin is
accidentally left floating, an internal pull-up protects the controller.
The output of the error amplifier is externally accessible through the COMP pin and it's used
for the loop compensation: usually an RC network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com