Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER267KDTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER267KDTR
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER267KDTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER267KDTR Datasheet HTML 4Page - STMicroelectronics VIPER267KDTR Datasheet HTML 5Page - STMicroelectronics VIPER267KDTR Datasheet HTML 6Page - STMicroelectronics VIPER267KDTR Datasheet HTML 7Page - STMicroelectronics VIPER267KDTR Datasheet HTML 8Page - STMicroelectronics VIPER267KDTR Datasheet HTML 9Page - STMicroelectronics VIPER267KDTR Datasheet HTML 10Page - STMicroelectronics VIPER267KDTR Datasheet HTML 11Page - STMicroelectronics VIPER267KDTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
Electrical characteristics
VIPER26K
8/28
DS12978 Rev 1
VDDCSon
VDDon internal high voltage
current generator threshold
9.5
10.5
11.5
V
VDDoff
VDD under voltage shutdown
threshold
78
9
V
IDD0
Operating supply current,
not switching
FOSC = 0 kHz,
VCOMP = GND
0.6
mA
IDD1
Operating supply current,
switching
VDRAIN = 120 V,
FOSC = 60 kHz
2mA
IDDoff
Operating supply current
with VDD < VDDoff
VDD < VDDoff
0.35
mA
IDDol
Open loop failure current
threshold
VDD = VDDclamp
VCOMP = 3.3 V
4mA
Table 6. Supply section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 7. Controller section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
E/A
VREF_FB
Input voltage
3.2
3.3
3.4
V
IFB_PULL UP
Pull-up current
-1
μA
GM
Transconductance
2
mA/V
Compensation pin (Comp)
VCOMPH
Upper saturation limit
TJ = 25°C
3V
VCOMPL
Burst mode threshold
TJ = 25°C
1
1.1
1.2
V
VHYS
Burst mode hysteresis
40
mV
HCOMP
ΔVCOMP/ΔIDRAIN
TJ = 25°C
1.9
2.35
2.8
V/A
RCOMP(DYN) Dynamic resistance
VFB = GND
15
ICOMP
Source / sink Current
VFB > 100mV
150
μA
Max. source current
VCOMP = GND,
VFB = GND
220
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com