Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER114HSTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER114HSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER114HSTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER114HSTR Datasheet HTML 3Page - STMicroelectronics VIPER114HSTR Datasheet HTML 4Page - STMicroelectronics VIPER114HSTR Datasheet HTML 5Page - STMicroelectronics VIPER114HSTR Datasheet HTML 6Page - STMicroelectronics VIPER114HSTR Datasheet HTML 7Page - STMicroelectronics VIPER114HSTR Datasheet HTML 8Page - STMicroelectronics VIPER114HSTR Datasheet HTML 9Page - STMicroelectronics VIPER114HSTR Datasheet HTML 10Page - STMicroelectronics VIPER114HSTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
DS11873 Rev 5
7/37
VIPer11
Electrical and thermal ratings
37
Figure 3. RthJA / (RthJA at A = 100 mm²)
Table 4. Avalanche characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
IAR
Avalanche current
Repetitive and non-repetitive.
Pulse-width limited by TJmax
-
-
0.8
A
EAS
Single pulse avalanche
energy(1)
1. Parameter derived by characterization.
IAS = IAR VDS = 100 V
Starting TJ = 25 °C
--
1
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com