Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER114HSTR Datasheet(PDF) 9 Page - STMicroelectronics

Part # VIPER114HSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER114HSTR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VIPER114HSTR Datasheet HTML 5Page - STMicroelectronics VIPER114HSTR Datasheet HTML 6Page - STMicroelectronics VIPER114HSTR Datasheet HTML 7Page - STMicroelectronics VIPER114HSTR Datasheet HTML 8Page - STMicroelectronics VIPER114HSTR Datasheet HTML 9Page - STMicroelectronics VIPER114HSTR Datasheet HTML 10Page - STMicroelectronics VIPER114HSTR Datasheet HTML 11Page - STMicroelectronics VIPER114HSTR Datasheet HTML 12Page - STMicroelectronics VIPER114HSTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DS11873 Rev 5
9/37
VIPer11
Electrical characteristics
37
Iclamp max Clamp shutdown current
(2)
30
35
40
mA
tclamp max Clamp time before shutdown
-
325
500
675
μs
VCCon
VCC start-up threshold
VFB = 1.2 V
VDRAIN = 400 V
15
16
17
V
VCSon
HV current source turn-on
threshold
VCC falling
4
4.25
4.5
V
VCCoff
UVLO
VFB = 1.2 V
VDRAIN = 400 V
3.75
4
4.25
V
Iq
Quiescent current
Not switching
VFB > VFB_REF
-
0.3
0.45
mA
ICC
Operating supply current,
switching
VDS = 150 V
VCOMP = 1.2 V
FOSC = 30 kHz
-
1
1.2
mA
VDS = 150 V
VCOMP = 1.2 V
FOSC = 60 kHz
-
1.25
1.5
VDS = 150 V
VCOMP = 1.2 V
FOSC = 120 kHz
-
1.5
1.8
1. Current supplied during the main MOSFET OFF time only.
2. Parameter assured by design and characterization.
Table 7. Controller section
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
E/A
VFB_REF
Reference voltage
-
1.175
1.2
1.225
V
VFB_DIS
E/A disable voltage
-
150
180
210
mV
IFB PULL UP
Pull-up current
-
0.9
1
1.1
μA
GM
Transconductance
VCOMP = 1.5 V
VFB > VFB_REF
350
500
650
μA/V
ICOMP1
Max. source current
VCOMP = 1.5 V
VFB = 0.5 V
75
100
125
μA
ICOMP2
Max. sink current
VFB = 2 V
VCOMP = 1.5 V
75
100
125
μA
RCOMP(DYN) Dynamic resistance
VCOMP = 2.7 V
VFB = GND
55
65
75
k
Table 6. Supply section (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com