Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER114HSTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # VIPER114HSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER114HSTR Datasheet(HTML) 4 Page - STMicroelectronics

  VIPER114HSTR Datasheet HTML 1Page - STMicroelectronics VIPER114HSTR Datasheet HTML 2Page - STMicroelectronics VIPER114HSTR Datasheet HTML 3Page - STMicroelectronics VIPER114HSTR Datasheet HTML 4Page - STMicroelectronics VIPER114HSTR Datasheet HTML 5Page - STMicroelectronics VIPER114HSTR Datasheet HTML 6Page - STMicroelectronics VIPER114HSTR Datasheet HTML 7Page - STMicroelectronics VIPER114HSTR Datasheet HTML 8Page - STMicroelectronics VIPER114HSTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Pin setting
VIPer11
4/37
DS11873 Rev 5
1
Pin setting
Figure 2. Connection diagram
Table 1. Pin description
SSOP10
Name
Function
1
GND
Ground and MOSFET source. Connection of source of the internal MOSFET
and the return of the bias current of the device. All groundings of bias
components must be tied to a trace going to this pin and kept separate from the
pulsed current return.
2
VCC
Controller supply. An external storage capacitor has to be connected across
this pin and GND. The pin, internally connected to the high voltage current
source, provides the VCC capacitor charging current at startup. A small bypass
capacitor (0.1
F typ.) in parallel, placed as close as possible to the IC, is also
recommended, for noise filtering purpose.
3
DIS
Disable. If its voltage exceeds the internal threshold VDIS_th (1.2 V typ.) for
more than tDEB time (1 ms, typ.), the PWM is disabled for tDIS_RESTART
(500msec, typ.) in auto-restart mode, resuming normal operation as soon as
VDIS falls below VDIS_th. An input overvoltage protection can be built by
connecting a voltage divider between the DIS pin and the rectified mains. In
case of non-isolated topologies, with the same principle an output overvoltage
protection can be implemented. If the disable function is not required, the DIS
pin must be soldered to GND, which excludes the function.
4FB
Direct feedback. It is the inverting input of the internal transconductance E/A,
which is internally referenced to 1.2 V with respect to GND. In case of non-
isolated converter, the output voltage information is directly fed into the pin
through a voltage divider. In case of primary regulation, the FB voltage divider is
connected to the VCC. The E/A is disabled soldering FB to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com