Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT101. Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TCLT101.
Description  Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT101. Datasheet(HTML) 6 Page - Vishay Siliconix

  TCLT101. Datasheet HTML 1Page - Vishay Siliconix TCLT101. Datasheet HTML 2Page - Vishay Siliconix TCLT101. Datasheet HTML 3Page - Vishay Siliconix TCLT101. Datasheet HTML 4Page - Vishay Siliconix TCLT101. Datasheet HTML 5Page - Vishay Siliconix TCLT101. Datasheet HTML 6Page - Vishay Siliconix TCLT101. Datasheet HTML 7Page - Vishay Siliconix TCLT101. Datasheet HTML 8Page - Vishay Siliconix TCLT101. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TCLT101. Series
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 19-Jan-16
6
Document Number: 81256
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Normalized CTR (non-saturated) vs. Forward Current
Fig. 14 - Normalized CTR (saturated) vs. Forward Current
Fig. 15 - Phase Angle vs. Frequency
Fig. 16 - CTR Frequency vs. Collector Current
Fig. 17 - Switching Time vs. Load Resistance
Fig. 18 - Collector Emitter Voltage vs. Ambient Temperature
(saturated)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
100
I
F - Forward Current (mA)
Normalized to:
I
F = 5 mA, VCE = 5 V,
T
amb = 25 °C
T
amb = 0 °C
T
amb = 100 °C
T
amb = 75 °C
T
amb = -55 °C
T
amb = 25 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
I
F - Forward Current (mA)
V
CE = 0.4 V
Normalized to:
I
F = 5 mA,
V
CE = 5 V,
T
amb = 25 °C
T
amb = 0 °C
T
amb = 75 °C
T
amb = - 55 °C
T
amb = 25 °C
T
amb = 100 °C
-160
-140
-120
-100
-80
-60
-40
-20
0
1
10
100
1000
f - Frequency (kHz)
V
CE = 5 V
R
L = 100 Ω
R
L = 1000 Ω
1
10
100
1000
0.1
1
10
100
I
C (mA)
V
CC = 5 V
0.1
1
10
100
1000
0
5
10
15
20
R
L - Load Resistance (kΩ)
t
off (μs)
t
on (μs)
V
CE = 5 V, IF = 5 mA
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
-60 -40 -20
0
20
40
60
80 100 120
T
amb - Ambient Temperature (°C)
I
c = 1 mA
I
c = 2 mA
I
c = 5 mA
I
F = 10 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com