Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT101. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCLT101.
Description  Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT101. Datasheet(HTML) 1 Page - Vishay Siliconix

  TCLT101. Datasheet HTML 1Page - Vishay Siliconix TCLT101. Datasheet HTML 2Page - Vishay Siliconix TCLT101. Datasheet HTML 3Page - Vishay Siliconix TCLT101. Datasheet HTML 4Page - Vishay Siliconix TCLT101. Datasheet HTML 5Page - Vishay Siliconix TCLT101. Datasheet HTML 6Page - Vishay Siliconix TCLT101. Datasheet HTML 7Page - Vishay Siliconix TCLT101. Datasheet HTML 8Page - Vishay Siliconix TCLT101. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TCLT101. Series
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 19-Jan-16
1
Document Number: 81256
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, LSOP-4,
110 °C Rated, Long Mini-Flat Package
DESCRIPTION
The TCLT101. series consists of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
4-lead LSOP package.
APPLICATIONS
• Switchmode power supplies
• Computer peripheral interface
• Microprocessor system interface
FEATURES
• SMD low profile 4 lead package
• High isolation 5000 VRMS
• CTR flexibility available see order information
• Extra low coupling capacitance
• Connected base
• DC input with transistor output
• Temperature range -55 °C to +110 °C
• Creepage distance > 8 mm
• Material
categorization:
for
definitions
of
compliance please see www.vishay.com/doc?99912
AGENCY APPROVALS
• UL1577, file no. E76222
• cUL - file no. E76222, equivalent to CSA bulletin 5A
• DIN EN 60747-5-5
• FIMKO: EN 60950
CE
AC
12
43
17295-5
ORDERING INFORMATION
T
C
L
T
1
01#
PART NUMBER
AGENCY
CERTIFIED/PACKAGE
CTR (%)
5 mA
10 mA
5 mA
UL, cUL, VDE, FIMKO
50 to 600
63 to 125
100 to 200
50 to 150
100 to 300
80 to 160
130 to 260
200 to 400
LSOP-4
TCLT1010
TCLT1012
TCLT1013
TCLT1015
TCLT1016
TCLT1017
TCLT1018
TCLT1019
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Forward surge current
tp
≤ 10 μs
IFSM
1.5
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
125
°C
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp
≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C
LSOP-4
10.2 mm


Similar Part No. - TCLT101.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT101. VISHAY-TCLT101. Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Packages
19-Jan-16
More results

Similar Description - TCLT101.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH1690BT VISHAY-SFH1690BT Datasheet
132Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 C Rated
23-May-13
TCLT1017 VISHAY-TCLT1017 Datasheet
150Kb / 8P
Optocoupler, Phototransistor Output, SOP-6L4, 110 C Rated, Long Mini-Flat Package
08-Jan-14
TCLT111 VISHAY-TCLT111 Datasheet
152Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
VOL617A VISHAY-VOL617A_15 Datasheet
176Kb / 9P
Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
13-Oct-15
SFH1690AT VISHAY-SFH1690AT_V01 Datasheet
131Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
23-May-13
TCLT101 VISHAY-TCLT101_V01 Datasheet
175Kb / 9P
Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Packages
19-Jan-16
VOL617A VISHAY-VOL617A_V01 Datasheet
219Kb / 10P
Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
28-Jan-2019
VOL617A VISHAY-VOL617A_V02 Datasheet
220Kb / 10P
Optocoupler, Phototransistor Output, 4 Pin LSOP, Long Creepage Mini-Flat Package
28-Jan-2019
SFH1690AT VISHAY-SFH1690AT_V02 Datasheet
131Kb / 8P
Optocoupler Phototransistor Output, SOP-4, Mini-Flat Package, 110 °C Rated
23-May-13
TCLT111 VISHAY-TCLT111_V02 Datasheet
149Kb / 7P
Optocoupler, Phototransistor Output, SOP-6L5, 110 °C Rated, Half Pitch, Long Mini-Flat Package
15-Oct-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com