Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCLT101. Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCLT101.
Description  Optocoupler, Phototransistor Output, LSOP-4, 110 °C Rated, Long Mini-Flat Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT101. Datasheet(HTML) 2 Page - Vishay Siliconix

  TCLT101. Datasheet HTML 1Page - Vishay Siliconix TCLT101. Datasheet HTML 2Page - Vishay Siliconix TCLT101. Datasheet HTML 3Page - Vishay Siliconix TCLT101. Datasheet HTML 4Page - Vishay Siliconix TCLT101. Datasheet HTML 5Page - Vishay Siliconix TCLT101. Datasheet HTML 6Page - Vishay Siliconix TCLT101. Datasheet HTML 7Page - Vishay Siliconix TCLT101. Datasheet HTML 8Page - Vishay Siliconix TCLT101. Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TCLT101. Series
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 19-Jan-16
2
Document Number: 81256
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Wave soldering three cycles are allowed. Also refer to “Assembly Instruction” (www.vishay.com/doc?80054).
Fig. 1 - Total Power Dissipation vs. Ambient Temperature
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
COUPLER
Total power dissipation
Ptot
250
mW
Operating ambient temperature range
Tamb
-55 to +110
°C
Storage temperature range
Tstg
-55 to +125
°C
Soldering temperature (1)
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 50 mA
VF
-
1.25
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
-50-
pF
OUTPUT
Collector emitter voltage
IC = 1 mA
VCEO
70
-
-
V
Emitter collector voltage
IE = 100 μA
VECO
7-
-
V
Collector emitter leakage current
VCE = 20 V, IF = 0 A
ICEO
-
10
100
nA
COUPLER
Collector emitter saturation voltage
IF = 10 mA, IC = 1 mA
VCEsat
--
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA, RL = 100
Ω
fc
-
110
-
kHz
Coupling capacitance
f = 1 MHz
Ck
-0.3
-
pF
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
0
50
100
150
200
250
300
0
20
40
60
80
100
120
T
amb - Ambient Temperature (°C)
Coupled device
Phototransistor
IR-diode



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com