Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS Datasheet(PDF) 1 Page - C&K Components

Part # ATS
Description  Anti-Tampering Detect Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ATS Datasheet(HTML) 1 Page - C&K Components

  ATS Datasheet HTML 1Page - C&K Components ATS Datasheet HTML 2Page - C&K Components ATS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
E–57
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
E
E–56
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
3 Sep 20
ATS Series
Anti-Tampering Detect Switches
Features/Benefits
• Normally closed function
• Vertical detect
• Reliable long time compression
• IP54
• Tape & reel
• RoHS compliant and compatible
Typical Applications
• Smart meters
• Alarm systems
• Anti-tamper devices
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on the next page. For additional options not shown in catalog, consult Customer Service Center.
Specifications
FUNCTION: Momentary action.
CONTACT TYPE: SPST Normally Closed.
TERMINALS: Gullwing type for SMT.
Mechanical
SWITCHING FORCE: ≤ 2 N
TRAVEL TO BREAK: 0,7 mm
TOTAL TRAVEL: 1,1 mm
Packaging
Switches are delivered on continuous tape, in reels of 2,000 pieces
Electrical
GOLD
SILVER
MAXIMUM POWER:
0.2 VA
1 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mVDC
20 mVDC
MAXIMUM CURRENT:
10 mA
50 mA
MINIMUM CURRENT:
1 µA
1 mA
CONTACT RESISTANCE:
≤ 350 mΩ
INSULATION RESISTANCE:
> 1 G Ω
DIELECTRIC STRENGTH:
≥ 250 Vrms
Environmental
GOLD
SILVER
OPERATING TEMPERATURE: –40ºC to +125ºC –40ºC to +85ºC
STORAGE TEMPERATURE:
–55ºC to + 125ºC –40ºC to +85ºC
Process
SOLDERING: Compatible with lead free reflow process
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
A T S
L F
2
D
Contact Material
1 Silver
3 Gold
Termination
G Gull wing
LFS Lead free compatible. Silver Plated
LFG Lead free compatible. Gold Plated
G
Switch Function
NC Normally closed
N C
Actuator
2 Soft actuator - height 3.20 mm
Operating Force
D 2 N detect


Similar Part No. - ATS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ATS IRF-ATS Datasheet
145Kb / 10P
HIGH RELIABILITY DC/DC CONVERTER
logo
C&K Components
ATS CK-COMPONENTS-ATS Datasheet
531Kb / 2P
Normally closed function
logo
YAGEO Corporation
ATS YAGEO-ATS Datasheet
425Kb / 7P
Transient Voltage Suppressors (TVS)
Jul. 05, 2023 V.3
logo
TOKYO KEISO CO.,LTD.
ATS KEISO-ATS Datasheet
111Kb / 2P
Multi-points and averaging temperature sensor
Oct 2017
logo
LUMEL S.A.
ATS LUMEL-ATS Datasheet
528Kb / 2P
Adapter ats
More results

Similar Description - ATS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSM ITT-KSM Datasheet
151Kb / 2P
Side Actuated Detect Switches
logo
C&K Components
KM1202A08BE CK-COMPONENTS-KM1202A08BE Datasheet
164Kb / 3P
Subminiature Detect Switches
KSM CK-COMPONENTS-KSM Datasheet
164Kb / 2P
Side Actuated Detect Switches
logo
Copal Electronics
CF-DA-SERIES COPAL-CF-DA-SERIES Datasheet
235Kb / 2P
Detect Switches
CF-DA COPAL-CF-DA Datasheet
235Kb / 2P
Detect Switches
CL-DA COPAL-CL-DA Datasheet
955Kb / 4P
DETECT SWITCHES
CL-DB COPAL-CL-DB Datasheet
571Kb / 4P
DETECT SWITCHES
SPB101 COPAL-SPB101 Datasheet
183Kb / 1P
Detect Switches
logo
C&K Components
KSM1131DLFG CK-COMPONENTS-KSM1131DLFG Datasheet
243Kb / 2P
Side Actuated Detect Switches
KSJD CK-COMPONENTS-KSJD Datasheet
224Kb / 2P
Spherical Actuator Detect Switches
29 Jul 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com