Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS Datasheet(PDF) 3 Page - C&K Components

Part # ATS
Description  Anti-Tampering Detect Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ATS Datasheet(HTML) 3 Page - C&K Components

  ATS Datasheet HTML 1Page - C&K Components ATS Datasheet HTML 2Page - C&K Components ATS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
E
E–58
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
E
3 Sep 20
C
C
B
B
3,5
2,1
4
2 0,05
2 0,05
1,5 +0,1
0
1,5
0,25
0,3 0,02
8 0,1
4 0,1
24 2
16
- 1 - 10 sprocket hole pitch cumulative tolerance
0.2mm
- 2 - Carrier camber not to exceed 1 mm in 1000 mm
- 3 - Dimension 6.25 and 4 measured on a plane 0.3 mm above the bottom of the pocket
- 4 - Dimension 3.5 measured from a plan on the inside bottom of the
pocket to the top surface of the carrier.
- 5 - Angle is not marked : 3°
Scrolling direction
in assy machine
SECTION C-C
SCALE 2
SECTION B-B
3
4
TAPE & REEL
ATS Series
Anti-Tampering Detect Switches



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com