Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS Datasheet(PDF) 2 Page - C&K Components

Part # ATS
Description  Anti-Tampering Detect Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ATS Datasheet(HTML) 2 Page - C&K Components

  ATS Datasheet HTML 1Page - C&K Components ATS Datasheet HTML 2Page - C&K Components ATS Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
E
E–57
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
3 Sep 20
ATS Series
Anti-Tampering Detect Switches
AA
7,3 0,15
6
0,65
0,3
1,9 0,2
3,2 0,25
6
8
D - 1
ATS 2D1G NC LFS
D - 3
ATS 2D3G NC LFG
MARKING
PART NUMBER
Recommended PCB layout
0,1
SECTION A-A
SERIES
CHARACTERISTICS
Minimum Activation
Height (Hm)
Maximum force at Hm = 6N
Switch damage can occur if product is actuated below
minimum actuation height (Hm)
2.1 mm
Minimum
Electrical Height
(He (OFF) min)
Product height for contact opening
Contact closing: the switch must be completely release
2.5 mm
He (o) min
Electrical change area
The product must be activated
between He (o) min and Hm
Height measured from base of the switch
Hm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com