Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9801T-M/MSG Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP9801T-M/MSG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9801T-M/MSG Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP9801T-M/MSG Datasheet HTML 21Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 22Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 23Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 24Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 25Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 26Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 27Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 28Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 25
MCP9800/1/2/3
5.3.4.6
Fault Queue
The fault queue feature can be used as a filter to lessen
the probability of spurious activation of the ALERT pin.
TA must remain above TSET for the consecutive
number of conversion cycles selected using the Fault
Queue bits. Bit 3 and bit 4 of CONFIG can be used to
select up to six fault queue cycles. For example, if six
fault queues are selected, TA must be greater than
TSET for six consecutive conversions before ALERT is
asserted as a comparator or an interrupt output.
This queue setting also applies for THYST. If six fault
queues are selected, TA must remain below THYST for
six consecutive conversions before ALERT is
deasserted (Comparator mode) or before another
interrupt is asserted (Interrupt mode).
5.3.4.7
 ADC Resolution
The MCP9800/1/2/3 provides access to select the ADC
resolution from 9-bit to 12-bit (0.5°C to 0.0625°C
resolution) using bit 6 and bit 5 of the CONFIG register.
The user can gain better insight into the trends and
characteristics of the ambient temperature by using a
finer resolution. Increasing the resolution also reduces
the quantization error. Figure 2-3 shows accuracy
versus resolution.
Table 5-3 shows the TA register conversion time for the
corresponding resolution.
TABLE 5-3:
RESOLUTION AND
CONVERSION TIME
5.4
Summary of Power-up Condition
The MCP9800/1/2/3 has an internal Power-on Reset
(POR) circuit. If the power supply voltage VDD glitches
down to the 1.7V (typical) threshold, the device resets
the registers to the power-up default settings.
Table 5-4 shows the power-up default summary.
TABLE 5-4:
POWER-UP DEFAULTS
At power-up, the MCP9800/1/2/3 has an inherent 2 ms
(typical) power-up delay before updating the registers
with default values and start a conversion cycle. This
delay reduces register corruption due to unsettled
power. After power-up, it takes tCONV for the TCN75A
to update the TA register with valid temperature data.
Bits
Resolution
tCONV (typical)
90.5
30 ms
10
0.25
60 ms
11
0.125
120 ms
12
0.0625
240 ms
Register
Data
(Hex)
Power-up Defaults
TA
0000
0°C
TSET
A000
80°C
THYST
9600
75°C
Pointer
00
Temperature register
CONFIG
00
Continuous Conversion
Comparator mode
Active-low Output
Fault Queue 1
9-bit Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com