Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9801T-M/MSG Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP9801T-M/MSG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9801T-M/MSG Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP9801T-M/MSG Datasheet HTML 10Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 11Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 12Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 13Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 14Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 15Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 16Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 17Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
MCP9800/1/2/3
DS21909C-page 14
 2010 Microchip Technology Inc.
5.3
Registers
The MCP9800/1/2/3 has four registers that are
user-accessible. These registers are specified as the
Ambient Temperature (TA) register, the Temperature
Limit-set (TSET) register, the Temperature Hysteresis
(THYST) register and device Configuration (CONFIG)
register.
The Ambient Temperature register is a read-only
register and is used to access the ambient temperature
data. The data from the ADC is loaded in parallel in the
register. The Temperature Limit-set and Temperature
Hysteresis registers are read/write registers that
provide user-programmable temperature limits. If the
ambient temperature drifts beyond the programmed
limits, the MCP9800/1/2/3 outputs an alert signal using
the ALERT pin (refer to Section 5.3.4.3 “ALERT
Output Configuration”
). The device Configuration
register provides access for the user to configure the
MCP9800/1/2/3’s various features. These registers are
described in further detail in the following sections.
The registers are accessed by sending Register Point-
ers to the MCP9800/1/2/3 using the serial interface.
This is an 8-bit pointer. However, the two Least
Significant bits (LSbs) are used as pointers and all
other bits need to be cleared <0>. This device has addi-
tional registers that are reserved for test and
calibration. If these registers are accessed, the device
may not perform according to the specification. The
pointer description is shown below.
FIGURE 5-2:
Register Block Diagram.
ALERT Output
Control Logic
ALERT
Output
Resolution
Temperature
THYST
TSET
Register
Register
Register
Configuration
Register
One-Shot
Shutdown
Fault Queue
Alert Polarity
Alert Comp/Int
REGISTER 5-1:
REGISTER POINTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
00
0
0
0
0
P1
P0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-2
Unimplemented:
Read as ‘0’
bit 1-0
Px<1:0>:
Pointer bits
00
= Temperature register (TA)
01
= Configuration register (CONFIG)
10
= Temperature Hysteresis register (THYST)
11
= Temperature Limit-set register (TSET)
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com