Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP9801T-M/MSG Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP9801T-M/MSG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP9801T-M/MSG Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP9801T-M/MSG Datasheet HTML 3Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 4Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 5Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 6Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 7Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 8Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 9Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 10Page - Microchip Technology MCP9801T-M/MSG Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 7
MCP9800/1/2/3
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise noted: VDD = 2.7V to 5.5V.
FIGURE 2-1:
Average Temperature
Accuracy vs. Ambient Temperature, VDD = 3.3V.
FIGURE 2-2:
Average Temperature
Accuracy vs. Ambient Temperature.
FIGURE 2-3:
Average Temperature
Accuracy vs. Ambient Temperature, VDD = 3.3V.
FIGURE 2-4:
Temperature Accuracy
Histogram, TA = +25°C.
FIGURE 2-5:
Supply Current vs. Ambient
Temperature.
FIGURE 2-6:
Shutdown Current vs.
Ambient Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore, outside the warranted range.
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
12-Bit Resolution
160 Samples
VDD= 3.3V
Spec. Limits
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
12-Bit Resolution
160 Samples
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
VDD = 5.0V
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
-55
-35
-15
5
25
45
65
85
105 125
T
A (°C)
11-Bit
12-Bit
9-Bit
10-Bit
VDD = 3.3V
160 Samples
Resolution
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
Temperature Accuracy (°C)
TA = +25°C
VDD = 3.3V
5 lots
32 Samples/lot
160 Samples
50
100
150
200
250
300
350
400
-55
-35
-15
5
25
45
65
85
105 125
TA (°C)
VDD = 2.7V
VDD = 3.3V
VDD = 5.5V
VDD = 5.0V
0
0.2
0.4
0.6
0.8
1
-55
-35
-15
5
25
45
65
85
105 125
T
A (°C )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com