Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAD-360D Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # LAD-360D
Description  360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LAD-360D Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  LAD-360D Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Suggested Application
File Name:LAD-360-SPEC 2022-10-14
AC mains Input
UART
Communication
(LAD-360xU Only )
1.DC-UPS function
When AC voltage drops below 75/165VAC,The UPS function will activate and power source switch battery backup.
Charging
Load
Battery
CN2
Force start UPS mode
TTL

▪ 
▪ 
▪ 
▪ 
▪ 
(LAD-360xonly)
2.UART Communication Function (U version only)
360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
L A D - 3 6 0 series
The power supply uploads various fault signals, power supply working status, single battery voltage, main voltage, output voltage and
output current to the controller through the UART, and changes the power supply working status according to the controller instructions.
For details,please refer to the user manual.
2.1 Forced Start & Remote UPS Control
(U version only)
BAT. CHARGER
+V
BAT+
-V
BAT-
UPS
FUNCTION
Remote UPS Control
Force Start
UPS Mode
Force start UPS mode:
According to fire safety regulation, UPS power supply must equip with force start UPS function. In case of emergency,
maintenance or testing, personal can active the UPS mode of by shorting PIN1 and PIN2 of LAD-360xU to ensure the energy
supply to the loads. When operating under UPS mode, the BAT. UVP alarm is still active, but the BAT. UVP protection will be
disable, therefore, the battery will be fully discharged until system shuts down.
※
RELAY
S.W
~
~
Pin 1 & 2
Short
Open
Status
Forced start
Normal
16
15
2
1
Note:
st
1 priority of UPS mode: Force start UPS function by internal relay.
LAD-360xU:PIN1,2
LAD-360x: PIN7,8
LAD-360xU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com