Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAD-360D Datasheet(PDF) 2 Page - Mean Well Enterprises Co., Ltd.

Part # LAD-360D
Description  360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LAD-360D Datasheet(HTML) 2 Page - Mean Well Enterprises Co., Ltd.

  LAD-360D Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPECIFICATION FOR
FUNCTION MODEL (Blank Version)
TTL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
VOLTAGE ADJ. RANGE
LINE REGULATION
LOAD REGULATION
SETUP, RISE TIME
HOLD UP TIME (Typ.)
VOLTAGE RANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INRUSH CURRENT (Typ.)
LEAKAGE CURRENT
SAFETY STANDARDS
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVERLOAD
OVER VOLTAGE
BATTERY CUTOFF
AC CURRENT (Typ.)
UL62368-1,
approved;
BS EN/EN62368-1 AS/NZS62368.1,
,
Design refer to GB 17945-2010
EAC TP TC 004
-20 ~ +60℃ (Refer to "Derating Curve")
20 ~ 95% RH non-condensing
-30 ~ +85℃, 10 ~ 95% RH non-condensing
±0.03%/℃ (0 ~ 50℃)
10 ~ 500Hz, 5G 10min./1cycle, 60min. each along X, Y, Z axes
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
ENVIRONMENT
SAFETY &
EMC
(Note 4 & 5)
PROTECTION
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC
I/P-FG:2KVAC
O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms / 500VDC / 25℃/ 70% RH
OUTPUT NUMBER
215*115*30mm (L*W*H)
EMC IMMUNITY
EMC EMISSION
Parameter
Parameter
ESD
Radiated
EFT / Burst
Surge
Conducted
Magnetic Field
Conducted
Radiated
Harmonic Current
Voltage Flicker
DISCHARGE
FUNCTION
BATTERY FULL
AC OK
2000ms, 50ms/230VAC
2000ms, 50ms/115VAC at full load
47 ~ 63Hz
86%
86.5%
8A/115VAC
4A/230VAC
COLD START 60A/115VAC
60A/230VAC
<0.5mA / 240VAC
CH1:105 ~ 135%
CH2:90 ~ 110%
21.5V±0.5V
32V±0.5V
CH1:31 ~ 36V
CH1:47 ~ 55V
LAD-360B
LAD-360C
27.6V
CH2
41.5V
CH2
27.6V
CH1
41.5V
CH1
1.5A(Battery Charger)
11.5A
7.14A
0 ~ 13A
0 ~ 8.64A
358.8W
358.56W
--------
--------
150mVp-p
240mVp-p
CH1: 21.6 ~ 29V
CH1: 32.4 ~ 43.5V
--------
--------
--------
--------
--------
--------
±1.0%
±1.0%
±0.5%
±0.5%
±0.5%
±0.5%
90 ~ 132VAC / 180 ~ 264VAC by switch
240 ~ 370VDC
(Default switch at 230VAC)
16ms/230VAC
12ms/115VAC at full load
86.5%
43V±0.5V
CH1:59 ~ 69V
LAD-360D
55.2V
CH2
55.2V
CH1
5.03A
0 ~ 6.53A
360.46W
--------
240mVp-p
CH1: 43.5 ~ 58V
--------
--------
--------
±0.5%
±0.5%
±0.5%
<100μA
BATTERY STATIC DISCHARGE
CURRENT
OVER TEMPERATURE
Standard
Standard
BS EN/EN55032 (CISPR32),
EAC TP TC 020
BS EN/EN55032 (CISPR32),
EAC TP TC 020
BS EN/EN61000-4-2
BS EN/EN61000-4-3
BS EN/EN61000-4-4
BS EN/EN61000-4-5
BS EN/EN61000-4-6
BS EN/EN61000-4-8
-----
-----
Test Level / Note
Test Level / Note
Level 3, 8KV air ; Level 2, 6KV contact; criteria A
Level 3, 10V/m ; criteria A
Level 3, 2KV ; criteria A
Level 3, 1KV/Line-Line ;2KV/Line-FG ;criteria A
Level 3, 10V ; criteria A
Level 4, 30A/m ; criteria A
Class A
Class A
-----
-----
℃
μμ




http://www.meanwell.com)










℃℃
※
:https://www.meanwell.com/serviceDisclaimer.aspx
BATTERY DISCONNECT/
REVERSE POLARITY
BATTERY LOW
File Name:LAD-360-SPEC 2022-10-14
OUTPUT
INPUT
MODEL
Protection type : Shut down o/p voltage, re-power on to removed
Protection type : Shut down o/p voltage, re-power on to removed
0.75Kg; 15pcs/12.25Kg/0.7CUFT
Protection type : CH1 OLP, CH2 with battery: The unit will enter to UPS mode when CH1 is around 105%~120%,
when total output of CH1 + CH2 reach around 125%~135% output shuts down
CH1 OLP, CH2 without battery:Shut down o/p voltage,re-power on to removed
CH2 : Constant current limiting; fault condition does not affect CH1 working,recovers automatically after fault
condition is removed (External fuse is mandatory in series connection with battery for protection)
BATTERY REVERSE POLARITY Protected when reverse polarity ,
, recovers automatically after fault condition is removed
no damage
--------
1.5A(Battery Charger)
--------
1.5A(Battery Charger)
--------
360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
L A D - 3 6 0 series
1394.9K hrs min.
Telcordia SR-332 (Bellcore);
153.3K hrs min.
MIL-HDBK-217F (25℃)
TTL signal, High / Open :
; Low :
charge ; Ice : max. 30mA@ 50VDC
Charge
Dis
TTL signal, High / Open : AC Fail ; Low : AC OK ; Ice : max. 30mA@ 50VDC
TTL signal, High / Open : Battery charging ; Low : Battery full ; Ice : max. 30mA@ 50VDC
TTL signal, High / Open : Battery connect/normal ; Low : Battery disconnect/reverse polarity; Ice : max. 30mA@ 50VDC
TTL signal, High / Open : Battery normal ; Low : Battery low; Ice : max. 30mA@ 50VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com