Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAD-360D Datasheet(PDF) 7 Page - Mean Well Enterprises Co., Ltd.

Part # LAD-360D
Description  360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LAD-360D Datasheet(HTML) 7 Page - Mean Well Enterprises Co., Ltd.

Back Button LAD-360D Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 7Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 8Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 9Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 10Page - Mean Well Enterprises Co., Ltd. LAD-360D Datasheet HTML 11Page - Mean Well Enterprises Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
File Name:LAD-360-SPEC 2022-10-14
360W Economical Security/Fire Alarm PSU with Battery Charger/UPS
L A D - 3 6 0 series
+ -
+ -
BAT+
BAT2
+ -
BAT1
+ -
BAT-
BAT3
16
15
2
1
PIN 9 : BAT1
PIN 10 : BAT2
PIN 12 : BAT3
※ LAD-360DU
2.5 UART
I
Communication nterface
(U version only)
Communication provides functions such as control, setting, and monitoring.
The parameters include the backup power switch, battery undervoltage point ,etc.
16
15
2
1
PIN 13 : UART_RX
PIN 14 : UART_TX
PIN 15 : GND
(12V)
(12V)
(12V)
(12V)
16
15
2
1
PIN 9 : BAT1
PIN 10 : BAT2
+ -
BAT+
BAT2
+ -
+ -
BAT-
BAT1
※ LAD-360CU
(12V)
(12V)
(12V)
2.4 Battery Inspection
16
15
2
1
PIN 9 : BAT1
※ LAD-360BU
+ -
+ -
BAT+
BAT-
BAT1
(12V)
(12V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com