Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100N03 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 100N03
Description  N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

100N03 Datasheet(HTML) 2 Page - STMicroelectronics

  100N03 Datasheet HTML 1Page - STMicroelectronics 100N03 Datasheet HTML 2Page - STMicroelectronics 100N03 Datasheet HTML 3Page - STMicroelectronics 100N03 Datasheet HTML 4Page - STMicroelectronics 100N03 Datasheet HTML 5Page - STMicroelectronics 100N03 Datasheet HTML 6Page - STMicroelectronics 100N03 Datasheet HTML 7Page - STMicroelectronics 100N03 Datasheet HTML 8Page - STMicroelectronics 100N03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1 Electrical ratings
STD100N03L - STD100N03L-1
2/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Table 2.
Thermal Data
Table 3.
Avalanche characteristics
Symbol
Parameter
Value
Unit
VDS
Drain-Source Voltage (VGS = 0)
30
V
VGS
Gate-Source Voltage
± 20
V
ID Note 1
Drain Current (continuous) at TC = 25°C
80
A
ID
Drain Current (continuous) at TC = 100°C
70
A
IDM Note 2
Drain Current (pulsed)
320
A
PTOT
Total Dissipation at TC = 25°C
110
W
Derating Factor
0.73
W/°C
dv/dt Note 3 Peak Diode Recovery Voltage Slope
3.9
V/ns
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 175
°C
Rthj-case
Thermal Resistance Junction-case Max
1.36
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose (for 10sec. 1.6 mm from case)
275
°C
Symbol
Parameter
Value
Unit
IAV
Not-Repetitive Avalanche Current
(pulse width limited by Tj max)
40
A
EAS
Single pulsed avalanche Energy
(starting Tj=25°C, ID=IAV, VDD = 24V
500
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com