Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100N03 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 100N03
Description  N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

100N03 Datasheet(HTML) 3 Page - STMicroelectronics

  100N03 Datasheet HTML 1Page - STMicroelectronics 100N03 Datasheet HTML 2Page - STMicroelectronics 100N03 Datasheet HTML 3Page - STMicroelectronics 100N03 Datasheet HTML 4Page - STMicroelectronics 100N03 Datasheet HTML 5Page - STMicroelectronics 100N03 Datasheet HTML 6Page - STMicroelectronics 100N03 Datasheet HTML 7Page - STMicroelectronics 100N03 Datasheet HTML 8Page - STMicroelectronics 100N03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STD100N03L - STD100N03L-1
2 Electrical characteristics
3/14
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 4.
On/Off states
Table 5.
Dynamic
Table 6.
Switching time
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-Source Breakdown
Voltage
ID = 250µA, VGS= 0
30
V
IDSS
Zero Gate Voltage Drain
Current (VGS = 0)
VDS = Max Rating,
VDS = Max Rating, Tc=125°C
10
100
µA
µA
IGSS
Gate Body Leakage Current
(VDS = 0)
VDS = ± 20 V
±200
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID = 250 µA
1V
RDS(on)
Static Drain-Source On
Resistance
VGS= 10 V, ID= 40 A
VGS= 5 V, ID= 20 A
0.0045
0.008
0.0055
0.01
Ω
Ω
RDS(on)
Static Drain-Source On
Resistance
VGS= 10 V, ID= 40 A @125°C
VGS= 5 V, ID= 20 A @125°C
0.0068
0.0146
Ω
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
gfs Note 4
Forward Transconductance
VDS = 10 V, ID= 15 A
31
S
Ciss
Coss
Crss
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VDS = 25V, f = 1 MHz, VGS =0
2060
728
67
pF
pF
pF
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD = 24 V, ID = 80 A,
VGS = 5V
(see Figure 15)
20
7
7.5
27
nC
nC
nC
RG
Gate Input Resistance
f=1 MHz Gate DC Bias = 0
Test Signal Level = 20mV
Open Drain
1.9
Ω
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on Delay Time
Rise Time
VDD = 15 V, ID = 40 A
RG= 4.7 Ω, VGS= 10V,
(see Figure 14)
9
205
ns
ns
td(off)
tf
Turn-off Delay Time
Fall Time
VDD = 15 V, ID = 40 A
RG= 4.7 Ω, VGS= 10V,
(see Figure 14)
31
35
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com