Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100N03 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 100N03
Description  N-CHANNEL 30V - 0.0045??- 80A - DPAK - IPAK Planar STripFET??MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

100N03 Datasheet(HTML) 4 Page - STMicroelectronics

  100N03 Datasheet HTML 1Page - STMicroelectronics 100N03 Datasheet HTML 2Page - STMicroelectronics 100N03 Datasheet HTML 3Page - STMicroelectronics 100N03 Datasheet HTML 4Page - STMicroelectronics 100N03 Datasheet HTML 5Page - STMicroelectronics 100N03 Datasheet HTML 6Page - STMicroelectronics 100N03 Datasheet HTML 7Page - STMicroelectronics 100N03 Datasheet HTML 8Page - STMicroelectronics 100N03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2 Electrical characteristics
STD100N03L - STD100N03L-1
4/14
Table 7.
Source-Drain Diode
(1) Current limited by package.
(2) Pulse width limited by safe operating area
(3) ISD≤ 80A, di/dt ≤ 360 A/µs, VDS≤ V(BR)DSS, Tj ≤ TjMAX
(4) Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ISD
ISDMNote 2
Source-Drain Current
Source-Drain Current (pulsed)
80
320
A
A
VSD Note 4 Forward On Voltage
ISD = 40 A, VGS = 0
1.3
V
trr
Qrr
IRRM
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
ISD = 80 A, di/dt = 100 A/µs
VDD = 25 V, Tj = 150 °C
(see Figure 16)
40
40
2
ns
nC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com