Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0109M1 Datasheet(PDF) 6 Page - STMicroelectronics

Part # Z0109M1
Description  1 A, 10 mA, 4-triggering quadrant Triac in SO-8
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109M1 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button Z0109M1 Datasheet HTML 2Page - STMicroelectronics Z0109M1 Datasheet HTML 3Page - STMicroelectronics Z0109M1 Datasheet HTML 4Page - STMicroelectronics Z0109M1 Datasheet HTML 5Page - STMicroelectronics Z0109M1 Datasheet HTML 6Page - STMicroelectronics Z0109M1 Datasheet HTML 7Page - STMicroelectronics Z0109M1 Datasheet HTML 8Page - STMicroelectronics Z0109M1 Datasheet HTML 9Page - STMicroelectronics Z0109M1 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Figure 13. Relative variation of leakage current versus
junction temperature
1,00E-03
1,00E-02
1,00E-01
1,00E+00
25
50
75
100
125
I
/ I
[ T; V
/ V
] / I
/ I
[ 125°C]
DRM
RRM
j
RRM
DRM
DRM
RRM
T (°C)
j
V
= V
= 600 V
DRM
RRM
Figure 14. SO-8 Thermal resistance junction to ambient
versus copper surface under pin 6 and 7
120
130
140
150
160
170
180
190
200
0
20
40
60
80
100
R
th(ja)(°C/W)
Scu(mm²)
Z0109M1
Characteristics (curves)
DS13130 - Rev 1
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com