Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0109M1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # Z0109M1
Description  1 A, 10 mA, 4-triggering quadrant Triac in SO-8
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0109M1 Datasheet(HTML) 2 Page - STMicroelectronics

  Z0109M1 Datasheet HTML 1Page - STMicroelectronics Z0109M1 Datasheet HTML 2Page - STMicroelectronics Z0109M1 Datasheet HTML 3Page - STMicroelectronics Z0109M1 Datasheet HTML 4Page - STMicroelectronics Z0109M1 Datasheet HTML 5Page - STMicroelectronics Z0109M1 Datasheet HTML 6Page - STMicroelectronics Z0109M1 Datasheet HTML 7Page - STMicroelectronics Z0109M1 Datasheet HTML 8Page - STMicroelectronics Z0109M1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1
Characteristics
Table 2. Absolute maximum ratings (limiting values, Tj = 25 °C unless otherwise stated)
Symbol
Parameters
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
SO-8
TLEAD = 90 °C
1
A
ITSM
Non repetitive surge peak on-state current
(full cycle, Tj initial = 25 °C)
f = 50 Hz
tp = 20 ms
8
A
f = 60 Hz
tp = 16.7 ms
8.5
I2t
I2t value for fusing
tp = 10 ms
0.35
A2s
VDRM/VRRM
Repetitive peak off-state voltage
Tj = 125 °C
600
V
VDSM/VRSM
Non Repetitive peak off-state voltage
tp = 10 ms
Tj = 25 °C
700
V
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
f = 120 Hz
Tj = 25 °C
50
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
1
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
0.1
W
Tstg
Storage junction temperature range
-40 to +150
°C
Tj
Operating junction temperature range
-40 to +125
°C
Table 3. Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Parameters
Quadrant
Value
Unit
IGT(1)
VD = 12 V, RL = 30 Ω
I - II - III - IV
Max.
10
mA
VGT
Max.
1.3
V
VGD
VD = VDRM, RL = 3.3 kΩ, Tj = 125 °C
All
Min.
0.2
V
IH(2)
IT = 50 mA
Max.
10
mA
IL
IG = 1.2 IGT
I - III - IV
Max.
15
mA
II
Max.
25
dV/dt(2)
VD = 67 % VDRM gate open, Tj = 110 °C
Min.
50
V/µs
(dV/dt)c(2)
(dI/dt)c = 0.44 A/ms, Tj = 110 °C
Min.
2
V/µs
1. Minimum IGT is guaranteed at 5 % of IGT max.
2. For both polarities of A2 referenced to A1
Table 4. Static electrical characteristics
Symbol
Test conditions
Tj
Value
Unit
VT(1)
ITM = 1.4 A, tp = 380 µs
25 °C
Max.
1.60
V
VTO(1)
Threshold on-state voltage
125 °C
Max.
0.95
V
Rd(1)
Dynamic resistance
125 °C
Max.
0.43
Ω
IDRM
IRRM
VD = VR = VDRM = VRRM
25 °C
Max.
5
µA
125 °C
0.5
mA
1. For both polarities of A2 referenced to A1
Z0109M1
Characteristics
DS13130 - Rev 1
page 2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com