Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0109M1 Datasheet (PDF) - STMicroelectronics

Z0109M1 Datasheet PDF - STMicroelectronics
Part # Z0109M1
Download  Z0109M1 Download
File Size   395.06 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 A, 10 mA, 4-triggering quadrant Triac in SO-8

Z0109M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z0109M1 Datasheet PDF - STMicroelectronics

Part # Z0109M1
Download  Z0109M1 Click to download

File Size   395.06 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 1 A, 10 mA, 4-triggering quadrant Triac in SO-8

Z0109M1 Datasheet (HTML) - STMicroelectronics


Z0109M1 Product details

Description
The Z0109M1 Triac, housed in SO-8 surface mount package, enables compact
power control designs compatible with automated assembly lines.
This device achieves an on/off and phase angle control where low triggering energy
is required.
It can be controlled directly from a microcontroller and is able to drive resistive or
inductive low current AC loads.

Features
• Low current Triac, IT(RMS) = 1 A
• Logic level 4-triggering quadrants
• SMD package with 4.9 x 6 mm2 total size
• 4 mm A1-A2 creepage distance compatible with IEC 60664-1 pollution degree 3
at 250 V, overvoltage category 2, material group 3a and 3b
• ECOPACK2 compliant component
• Dual footprint compatible with SO-8 and SOT-223

Applications
• General purpose AC line load switching
• Actuator AC drive circuit such as electro-valve, dispenser, pump, fan
• LED / lamps control
• High voltage solenoid drive circuit such as breaker interrupter and relay
• Major and small home appliances
• Home and industrial automation systems




Similar Part No. - Z0109M1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
Z0109MA PHILIPS-Z0109MA Datasheet
267Kb / 12P
Triacs
Rev. 02-12 September 2002
logo
STMicroelectronics
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
74Kb / 8P
1A TRIACS
14-Dec-2010
Z0109MA STMICROELECTRONICS-Z0109MA Datasheet
96Kb / 9P
1 A Triacs
10-Oct-2006
logo
NXP Semiconductors
Z0109MA NXP-Z0109MA Datasheet
184Kb / 12P
Logic level four-quadrant triac
Rev. 03-4 August 2009
logo
ON Semiconductor
Z0109MA ONSEMI-Z0109MA Datasheet
195Kb / 10P
Sensitive Gate Triacs Series Silicon Bidirectional Thyristors
June, 2009??Rev. 2
More results


Similar Description - Z0109M1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1023 PHILIPS-TDA1023 Datasheet
266Kb / 19P
Proportional-control triac triggering circuit
May 1991
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
Hi-Sincerity Mocroelect...
HBT139DE HSMC-HBT139DE Datasheet
60Kb / 4P
Three Quadrant Triac
logo
NXP Semiconductors
BTA316-600ET NXP-BTA316-600ET Datasheet
211Kb / 13P
16 A three-quadrant high commutation triac
Rev. 01-30 March 2010
BTA316-800ET NXP-BTA316-800ET Datasheet
210Kb / 13P
16 A three-quadrant high commutation triac
Rev. 01-29 March 2010
BTA312-800ET NXP-BTA312-800ET_10 Datasheet
169Kb / 14P
3Q Hi-Com Triac Triggering in three quadrants only
Rev. 02-2 December 2010
BTA208S-800B NXP-BTA208S-800B_11 Datasheet
176Kb / 14P
3Q Hi-Com Triac Triggering in three quadrants only
Rev. 03-14 April 2011
logo
DONGGUAN YOU FENG WEI E...
BTA16 YFWDIODE-BTA16 Datasheet
640Kb / 4P
16A Four-quadrant triac
BTA04F YFWDIODE-BTA04F Datasheet
688Kb / 4P
4A four-quadrant triac
logo
STMicroelectronics
Z0402MB STMICROELECTRONICS-Z0402MB Datasheet
659Kb / 11P
4 A - Triac in DPAK package
02-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com