Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD014 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # FSMD014
Description  Surface Mount PTC FSMD Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FSMD014 Datasheet(HTML) 3 Page - DB Lectro Inc

  FSMD014 Datasheet HTML 1Page - DB Lectro Inc FSMD014 Datasheet HTML 2Page - DB Lectro Inc FSMD014 Datasheet HTML 3Page - DB Lectro Inc FSMD014 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
F110
Typical Time-To-Trip at 23
A B
C
D E F
G
0.001
0.01
0.1
1
10
100
0.1
1
10
100
Fault current (A)
Part Numbering System
Part Marking System
F S M D
Current rating
Example
Standard Package
P/N
Pcs /Bag
Reel/Tape
P/N
Pcs /Bag
Reel/Tape
FSMD014
--------
2K
FSMD075
--------
2K
FSMD020
--------
2K
FSMD110
--------
2K
FSMD035
--------
2K
FSMD160
--------
2K
FSMD050
--------
2K
A =FSMD014
B =FSMD020
C =FSMD035
D =FSMD050
E =FSMD075
F =FSMD110
G =FSMD160
F
Part Identification
Fuzetec Logo
Surface Mount PTC FSMD Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com