Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD014 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # FSMD014
Description  Surface Mount PTC FSMD Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FSMD014 Datasheet(HTML) 2 Page - DB Lectro Inc

  FSMD014 Datasheet HTML 1Page - DB Lectro Inc FSMD014 Datasheet HTML 2Page - DB Lectro Inc FSMD014 Datasheet HTML 3Page - DB Lectro Inc FSMD014 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
FSMD Product Dimensions (Millimeters)
AB
C
D
PART
NUMBER
Min
Max
Min
Max
Min
Max
Min
FSMD014
4.37
4.73
3.07
3.41
0.7
1.0
0.35
FSMD020
4.37
4.73
3.07
3.41
0.4
0.7
0.35
FSMD035
4.37
4.73
3.07
3.41
0.4
0.7
0.35
FSMD050
4.37
4.73
3.07
3.41
0.4
0.7
0.35
FSMD075
4.37
4.73
3.07
3.41
0.4
0.7
0.35
FSMD110
4.37
4.73
3.07
3.41
0.4
0.7
0.35
FSMD160
4.37
4.73
3.07
3.41
0.4
0.7
0.35
Thermal Derating Curve
Thermal Derating Curve, FSMD Series
0%
50%
100%
150%
200%
-40
-20
0
20406080
Ambient Temperature (C)
A= FSMD 075, 100 &160
B= FSMD 014, 020, 035
& 050
Surface Mount PTC FSMD Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com