Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSMD014 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # FSMD014
Description  Surface Mount PTC FSMD Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FSMD014 Datasheet(HTML) 1 Page - DB Lectro Inc

  FSMD014 Datasheet HTML 1Page - DB Lectro Inc FSMD014 Datasheet HTML 2Page - DB Lectro Inc FSMD014 Datasheet HTML 3Page - DB Lectro Inc FSMD014 Datasheet HTML 4Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Electrical Characteristics(23
)
Max Time to Trip
Resistance Tolerance
Hold
Current
Trip
Current
Rated
Voltage
Max
Current
Typical
Power
Current
Time
RMIN
R1MAX
Part
Number
IH,A
IT,AVMAX,Vdc IMAX, A Pd, W
Amp
Sec
ΩΩ
FSMD014
0.14
0.30
60
10
0.8
8.0
0.02
1.50
6.50
FSMD020
0.20
0.40
30
10
0.8
8.0
0.02
0.80
5.00
FSMD035
0.35
0.70
16
40
0.8
8.0
0.10
0.32
1.50
FSMD050
0.50
1.00
16
40
0.8
8.0
0.15
0.15
1.00
FSMD075
0.75
1.50
16
40
0.8
8.0
0.02
0.11
0.45
FSMD110
1.10
2.20
6
40
0.8
8.0
0.30
0.04
0.21
FSMD160
1.60
3.20
6
40
0.8
8.0
0.5
0.03
0.10
IH=Hold current-maximum current at which the device will not trip at 23
still air.
IT=Trip current-minimum current at which the device will always trip at 23
still air.
V MAX=Maximum voltage device can withstand without damage at it rated current.(I max)
I MAX= Maximum fault current device can withstand without damage at rated voltage (V max).
Pd=Typical power dissipated-type amount of power dissipated by the device when in the tripped state in 23
still air environment.
RMIN=Minimum device resistance at 23
prior to tripping.
R1MAX=Maximum device resistance at 23
measured 1 hour post trip.
Termination pad characteristics
Termination pad materials : solder-plated copper
Application:
All high-density boards
Product Features:
Small surface mount, Solid state
Faster time to trip than standard SMD devices
Lower resistance than standard SMD devices
Operation Current: 140mA~1.6A
Maximum Voltage: 6V~60V
Temperature Range: -40
to 85
Agency Approvals: UL(E211981),
C-UL
TUV pending
Surface Mount PTC FSMD Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


Similar Part No. - FSMD014

ManufacturerPart #DatasheetDescription
logo
RFE international
FSMD014-1812 RFE-FSMD014-1812 Datasheet
221Kb / 2P
Surface Mount PPTC FSMD 1812 Series
logo
Fuzetec Technology Co.,...
FSMD014-R FUZETEC-FSMD014-R Datasheet
243Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1812 Series
logo
RFE international
FSMD014-R RFE-FSMD014-R Datasheet
465Kb / 5P
Surface Mountable PTC Resettable Fuse: FSMD1812 Series
2021/03/23
More results

Similar Description - FSMD014

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L LITTELFUSE-1206L Datasheet
129Kb / 2P
Surface Mount PTC
1812L LITTELFUSE-1812L Datasheet
154Kb / 2P
Surface Mount PTC
3425L LITTELFUSE-3425L Datasheet
249Kb / 2P
Surface Mount PTC
logo
RFE international
FSMD010-0805 RFE-FSMD010-0805 Datasheet
272Kb / 2P
Surface Mount PPTC FSMD 0805 Series
FSMD014-1812 RFE-FSMD014-1812 Datasheet
221Kb / 2P
Surface Mount PPTC FSMD 1812 Series
logo
Bel Fuse Inc.
0ZCB BEL-0ZCB_13 Datasheet
1Mb / 4P
Surface Mount PTC
0ZCJ BEL-0ZCJ Datasheet
1Mb / 4P
Surface Mount PTC
0ZCM BEL-0ZCM Datasheet
1Mb / 4P
Surface Mount PTC
0ZCH BEL-0ZCH_16 Datasheet
1Mb / 4P
Surface Mount PTC
0ZCK BEL-0ZCK_16 Datasheet
1Mb / 4P
Surface Mount PTC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com