Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPM10054T-R68M-HZR Datasheet(PDF) 2 Page - TDK Electronics

Part # SPM10054T-R68M-HZR
Description  Inductors for power circuits Wound metal SPM-HZR series(for automotive)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SPM10054T-R68M-HZR Datasheet(HTML) 2 Page - TDK Electronics

  SPM10054T-R68M-HZR Datasheet HTML 1Page - TDK Electronics SPM10054T-R68M-HZR Datasheet HTML 2Page - TDK Electronics SPM10054T-R68M-HZR Datasheet HTML 3Page - TDK Electronics SPM10054T-R68M-HZR Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(2/4)
inductor_automotive_power_spm10054-hzr_en.xml
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20221201
INDUCTORS
SPM10054-HZR type
■ L FREQUENCY CHARACTERISTICS
□測定器
* Equivalent measurement equipment may be used.
■ INDUCTANCE VS. DC BIAS CHARACTERISTICS
□測定器
* Equivalent measurement equipment may be used.
Product No.
Manufacturer
4294A
Keysight Technologies
Product No.
Manufacturer
4284A+42841A+42842C
Keysight Technologies
0.1
1
10
100
Frequency (MHz)
0.1
1
10
100
1000
470M
330M
220M
150M
6R8M
4R7M
3R3M
1R5M
2R5M
1R0M
R68M
R47M
100M
680M
0.1
0
DC current (A)
1
10
100
10
20
30
40
60
50
680M
470M
330M
220M
150M
100M
6R8M
4R7M
3R3M
2R5M
1R5M
1R0M
R68M
R47M



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com